Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5464 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 17Page - STMicroelectronics STLC5464 Datasheet HTML 18Page - STMicroelectronics STLC5464 Datasheet HTML 19Page - STMicroelectronics STLC5464 Datasheet HTML 20Page - STMicroelectronics STLC5464 Datasheet HTML 21Page - STMicroelectronics STLC5464 Datasheet HTML 22Page - STMicroelectronics STLC5464 Datasheet HTML 23Page - STMicroelectronics STLC5464 Datasheet HTML 24Page - STMicroelectronics STLC5464 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
III.1.6 - Connection Memory
III.1.6.1 - Description
The connection memory is composed of 256 loca-
tions addressed by the number of OTDM and TS
(8x32).
Each location permits :
- to connect each input time slot to one output time
slot (If two or more output time slots are con-
nected to the same input time slot number, there
is broadcasting).
- to select the variable delay mode or the sequence
integrity mode for any time slot.
- to loop back an output time slot. In this case the
contents of an input time slot (ITSx, ITDMp) is the
same as the output time slot (OTSx,OTDMp).
- to output the contents of the corresponding con-
nection memory instead of the data which has
been stored in data memory.
- to output the sequence of the pseudo random
sequence generator on an output time slot: a
pseudo random sequence can be inserted in one
or several time slots (hyperchannel) of the same
Output TDM ; this insertion must be enabled by
the microprocessor in the configuration register
of the matrix.
- to define the source of a sequenceby the pseudo
random sequence analyzer: a pseudo random
sequence can be extracted from one or several
time slots (hyperchannel)of the same Input TDM
and routed to the analyzer; this extraction can be
enabled by the microprocessor in the configura-
tion register of the matrix (SMCR).
- to assert a high impedance level on an output
time slot (disconnection).
- to deliver a programmable 256-bit sequence dur-
ing 125 microsecondson the Programmable syn-
chronization Signal pin (PSS).
III.1.6.2 - Access to Connection Memory
Supposing that the Switching Matrix Configuration
Register (SMCR) has been already written by the
microprocessor, it is possible to access to the con-
nection memory from microprocessor with the help
of two registers :
- Connection Memory Data Register (CMDR) and
- Connection Memory Address Register (CMAR).
III.1.6.3 - Access to Data Memory
To extract the contents of the data memory it is
possible to read the data memory from microproc-
essor with the help of the two registers :
- Connection Memory Data Register (CMDR) and
- Connection Memory Address Register (CMAR).
III.2 - HDLC Controller
III.2.1 - Function Description
The internal HDLC controller can run up to 32
channels in a conventional HDLC mode or in a
transparent (non-HDLC) mode (configurable per
channel).
Each channel bit rate is programmable from 4kbit/s
to 64kbit/s. All the configurations are also possible
from 32 channels (from 4 to 64 kbit/s) to one
channel at 2 Mbit/s.
In reception,the HDLC time slots can directly come
from the input TDM DIN8 (direct HDLC Input) or
from any other TDM input after switching towards
the output 7 of the matrix (configurable per time
slot).
In transmission, the HDLC frames are sent on the
output DOUT6 and on the output CB (with or with-
out contention mechanism), or are switched to-
wards the other TDM output via the input 7 of the
matrix (see Figure 8 on Page 22 and Paragraph
III.2.2 on Page 23).
III.2.1.1 - Format of the HDLC Frame
The format of an HDLC frame is the same in receive
and transmit direction and shown here after.
III.2.1.2 - Composition of an HDLC Frame
Opening Flag
Address Field (first byte)
Address Field (second byte)
Command Field (first byte)
Command Field (second byte)
Data (first byte)
Data (optional)
Data (last byte)
FCS (first byte)
FCS (second byte)
Closing Flag
- Opening Flag
- One or two bytes for address recognition (recep-
tion) and insertion (transmission)
- Data bytes with bit stuffing
- Frame Check Sequence: CRC with polynomial
G(x) = x16 +x12+x5+1
- Closing Flag.
III - FUNCTIONAL DESCRIPTION (continued)
STLC5464
21/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com