Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC5464 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STLC5464
Description  MULTI-HDLCWITH n x 64 SWITCHING MATRIX ASSOCIATED
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5464 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STLC5464 Datasheet HTML 56Page - STMicroelectronics STLC5464 Datasheet HTML 57Page - STMicroelectronics STLC5464 Datasheet HTML 58Page - STMicroelectronics STLC5464 Datasheet HTML 59Page - STMicroelectronics STLC5464 Datasheet HTML 60Page - STMicroelectronics STLC5464 Datasheet HTML 61Page - STMicroelectronics STLC5464 Datasheet HTML 62Page - STMicroelectronics STLC5464 Datasheet HTML 63Page - STMicroelectronics STLC5464 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 83 page
background image
VIII.9 - Connection Memory Address Register - CMAR (10)H
ACCESS MODE REGISTER (AMR)
DESTINATION REGISTER (DSTR)
bit15
bit8
bit7
bit 0
Nu
Nu
TC
CACL
CAC
Nu
CM
READ OM2
OM1
OM0
OTS4 OTS3 OTS2 OTS1 OTS0
After reset (0800)H
This 16 bit register is constituted by two registers : DESTINATIONREGISTER (DSTR) and ACCESS MODE
REGISTER (AMR) respectively 8 bits and 6 bits.
Remark :
It is mandatory for this specific register to write successively :
- first DSTR
- then AMR
DESTINATION REGISTER (DSTR)
When DSTR Register is written by the microprocessor, a memory access is launched. DSTR has two use
modes depending on CM (bit of CMAR).
CM = 1, access to connection memory (read or write) ;
When CM = 1, OTS 0/4 and OM 0/2 bits are defined hereafter :
OTS 0/4 : Output time slot 0/4 define OTSy with : 0
≤ y ≤ 31,
OM0/2
: Output Time Division Multiplex 0/2 define OTDMq with : 0
≤ q ≤ 7.
- CAC = CACL = 0, DSTR is the Address Register of the Connection Memory;
- CAC or CACL = 1, DSTR is used to indicate the current address for the Connection Memory ; its contents
is assigned to the outputs.
CM = 0, access to data memory (read only) ;
- DSTR is the Address Register of the Data Memory; its contents is assigned to the inputs.
ACCESS MODE REGISTER (AMR)
READ : READ MEMORY
READ = 1, Read Connection Memory (or Data Memory in accordance with CM).
READ = 0, Write Connection Memory.
CM
: CONNECTION MEMORY
CM = 1, Write or Read Connection Memory in accordance with READ.
CM = 0, Read only Data Memory (READ = 0 has no effect).
CAC
: CYCLICAL ACCESS
CAC = 1
if Write Connection Memory, an automatic data write from Connection Memory Data Register
(CMDR) up to 256 locations of Connection Memory occurs. The first address is indicated by the
register DSTR, the last is (FF)H.
if Read Connection Memory, an automatic transfer of data from the location indicated by the
register (DSTR) into Connection Memory Data Register (CMDR) after reading by the
microprocessor occurs. The last location is (FF)H.
CAC = 0, Write and Read Connection Memory in the normal way.
CACL : CYCLICAL ACCESS LIMITED
CACL = 1
If Write Connection Memory, an automatic data write from Connection Memory Data Register
(CMDR) up to 32 locations of Connection Memory occurs. The first location is indicated by OTS
0/4bits of the register (DSTR) related to OTDMq as defined by OM0/2 occurs. The last location
is q +1 F(H).
If Read Connection Memory, an automatic transfer of data from Connection Memory into
Connection Memory Data Register (CMDR) after reading this last by the microprocessor
occurs.The first location is indicated by OTS 0/4 bits of the register (DSTR) related to OTDMq
as defined by OM0/2. The last location is q +1 F(H).
CACL = 0, Write and Read Connection Memory in the normal way.
VIII - INTERNAL REGISTERS (continued)
STLC5464
60/83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com