Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXH16245 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74LCXH16245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCXH16245 Datasheet(HTML) 2 Page - STMicroelectronics

  74LCXH16245 Datasheet HTML 1Page - STMicroelectronics 74LCXH16245 Datasheet HTML 2Page - STMicroelectronics 74LCXH16245 Datasheet HTML 3Page - STMicroelectronics 74LCXH16245 Datasheet HTML 4Page - STMicroelectronics 74LCXH16245 Datasheet HTML 5Page - STMicroelectronics 74LCXH16245 Datasheet HTML 6Page - STMicroelectronics 74LCXH16245 Datasheet HTML 7Page - STMicroelectronics 74LCXH16245 Datasheet HTML 8Page - STMicroelectronics 74LCXH16245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LCXH16245
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don‘t Care
Z : High Impedance
IEC LOGIC SYMBOLS
PIN No
SYMBOL
NAME AND FUNCTION
1
1DIR
Directional Control
2, 3, 5, 6, 8, 9,
11, 12
1B1 to 1B8 Data Inputs/Outputs
13, 14, 16, 17,
19, 20, 22, 23
2B1 to 2B8 Data Inputs/Outputs
24
2DIR
Directional Control
25
2G
Output Enable Input
36, 35, 33, 32,
30, 29, 27, 26
2A1 to 2A8 Data Inputs/Outputs
47, 46, 44, 43,
41, 40, 38, 38
1A1 to 1A8 Data Inputs/Outputs
48
1G
Output Enable Input
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive Supply Voltage
INPUTS
FUNCTION
OUTPUT
G
DIR
A BUS
B BUS
Yn
L
L
OUTPUT
INPUT
A = B
L
H
INPUT
OUTPUT
B = A
H
X
ZZZ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com