Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXH16245 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74LCXH16245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCXH16245 Datasheet(HTML) 3 Page - STMicroelectronics

  74LCXH16245 Datasheet HTML 1Page - STMicroelectronics 74LCXH16245 Datasheet HTML 2Page - STMicroelectronics 74LCXH16245 Datasheet HTML 3Page - STMicroelectronics 74LCXH16245 Datasheet HTML 4Page - STMicroelectronics 74LCXH16245 Datasheet HTML 5Page - STMicroelectronics 74LCXH16245 Datasheet HTML 6Page - STMicroelectronics 74LCXH16245 Datasheet HTML 7Page - STMicroelectronics 74LCXH16245 Datasheet HTML 8Page - STMicroelectronics 74LCXH16245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74LCXH16245
3/10
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
1) IO absolute maximum rating must be observed
2) VO <GND
RECOMMENDED OPERATING CONDITIONS
1) Truth Table guaranteed: 1.5V to 3.6V
2) VIN from 0.8V to 2V at VCC =3.0V
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage (DIR, G)
-0.5 to +7.0
V
VI/O
Bus I/O Voltage (OFF State)
-0.5 to +7.0
V
VI/O
Bus I/O Voltage (High or Low State) (note 1)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
-50
mA
IOK
DC Output Diode Current (note 2)
-50
mA
IO
DC Output Current
± 50
mA
ICC
DC Supply Current per Supply Pin
± 100
mA
IGND
DC Ground Current per Supply Pin
± 100
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (note 1)
2.0 to 3.6
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage (OFF State)
0 to 5.5
V
VO
Output Voltage (High or Low State)
0 to VCC
V
IOH,IOL
High or Low Level Output Current (VCC = 3.0 to 3.6V)
± 24
mA
IOH,IOL
High or Low Level Output Current (VCC = 2.7V)
± 12
mA
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 2)
0 to 10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com