Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3693 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG3693
Description  Low voltage high bandwidth Quad SPDT switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3693 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG3693 Datasheet HTML 2Page - STMicroelectronics STG3693 Datasheet HTML 3Page - STMicroelectronics STG3693 Datasheet HTML 4Page - STMicroelectronics STG3693 Datasheet HTML 5Page - STMicroelectronics STG3693 Datasheet HTML 6Page - STMicroelectronics STG3693 Datasheet HTML 7Page - STMicroelectronics STG3693 Datasheet HTML 8Page - STMicroelectronics STG3693 Datasheet HTML 9Page - STMicroelectronics STG3693 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STG3693
6/18
4
Electrical characteristics
Table 6.
DC Specifications
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
VIH
High level
input
voltage
1.65 -1.95
0.65VCC
0.65VCC
V
2.3-2.5
1.2
1.2
2.7-3.0
1.3
1.3
3.3-3.6
1.4
1.4
4.3
1.6
1.6
VIL
Low level
input
voltage
1.65-1.95
0.25
V
2.3-2.5
0.25
2.7-3.0
0.25
3.3-3.6
0.30
4.3
0.40
RPEAK
Switch ON
peak
resistance
1.8
VS = 0V to
VCC
IS = 8mA
12.0
16.0
Ω
2.7
6.3
8.0
3.0
5.8
7.5
3.7
5.0
6.5
4.3
4.6
6.0
RON
Switch On
resistance
3.0
VS = 3V IS =
8mA
4.0
5.2
Ω
3.0
VS = 0.8V IS
= 8mA
5.0
6.5
ΔRON
ON
resistance
match
between
channels
1.8
VS @ RON
Max
IS = 8mA
Ω
2.7
3.0
0.3
3.7
4.3
RFLAT
ON
resistance
flatness
1.8
VS = 0V to
VCC
IS = 8mA
6.6
Ω
2.7
2.0
3.0
1.7
3.7
1.5
4.3
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com