Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3693 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG3693
Description  Low voltage high bandwidth Quad SPDT switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3693 Datasheet(HTML) 3 Page - STMicroelectronics

  STG3693 Datasheet HTML 1Page - STMicroelectronics STG3693 Datasheet HTML 2Page - STMicroelectronics STG3693 Datasheet HTML 3Page - STMicroelectronics STG3693 Datasheet HTML 4Page - STMicroelectronics STG3693 Datasheet HTML 5Page - STMicroelectronics STG3693 Datasheet HTML 6Page - STMicroelectronics STG3693 Datasheet HTML 7Page - STMicroelectronics STG3693 Datasheet HTML 8Page - STMicroelectronics STG3693 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STG3693
Pin settings
3/18
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top through view)
1.2
Pin description
Note:
Exposed pad must be soldered to a floating plane. Do NOT connect to power or ground.
1
2
3
4
9
10
11
12
1S2
V
CC
1-2-3SEL
2S1
3S2
4SEL
GND
4S1
Table 2.
Pin description
Pin N°
Symbol
Name and function
15,1,
4,6,
7,9,
12,14
1S1, 1S2,
2S1, 2S2,
3S1, 3S2,
4S1, 4S2
Independent channels
16,5,8,13
D1, D2, D3, D4
Common channels
3, 10
1-2-3SEL,
4SEL
Control
2VCC
Positive supply voltage
11
GND
Ground (0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com