Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG5683 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STG5683
Description  Low voltage dual SPDTswitch with negative rail capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5683 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STG5683 Datasheet HTML 6Page - STMicroelectronics STG5683 Datasheet HTML 7Page - STMicroelectronics STG5683 Datasheet HTML 8Page - STMicroelectronics STG5683 Datasheet HTML 9Page - STMicroelectronics STG5683 Datasheet HTML 10Page - STMicroelectronics STG5683 Datasheet HTML 11Page - STMicroelectronics STG5683 Datasheet HTML 12Page - STMicroelectronics STG5683 Datasheet HTML 13Page - STMicroelectronics STG5683 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Electrical characteristics
STG5683
10/16
Table 7. Analog switch characteristics (CL = 5pF, RL = 50Ω, TA = 25°C)
Symbol
Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
OIRR
OFF Isolation (1)
2.7 - 4.3
VS = 1VRMS, f = 100kHz
-55
dB
Xtalk
Crosstalk
2.7 - 4.3
VS = 1VRMS, f = 100kHz
-60
dB
THD
Total harmonic
distortion
2.7 - 4.3
RL = 32Ω
VIN = 0.5VPP
DC Bias = 0
f = 20Hz to 20 kHz
0.01
%
BW
-3dB bandwidth
2.7 - 4.3
RL = 50Ω
Signal = 0dBm
33
MHz
CIN
Control pin input
capacitance
3.3
6
pF
CD
D Port capacitance
when switch is
enabled
3.3
f = 1MHz
290
1.
Off Isolation = 20Log10 (VD/VS), VD = output. VS = input to off switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com