Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG5683 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STG5683
Description  Low voltage dual SPDTswitch with negative rail capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5683 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STG5683 Datasheet HTML 8Page - STMicroelectronics STG5683 Datasheet HTML 9Page - STMicroelectronics STG5683 Datasheet HTML 10Page - STMicroelectronics STG5683 Datasheet HTML 11Page - STMicroelectronics STG5683 Datasheet HTML 12Page - STMicroelectronics STG5683 Datasheet HTML 13Page - STMicroelectronics STG5683 Datasheet HTML 14Page - STMicroelectronics STG5683 Datasheet HTML 15Page - STMicroelectronics STG5683 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package mechanical data
STG5683
12/16
Note:
1
VFQFPN - Standard for thermally enhanced vey fine pitch quad flat package no leads.
2
The leads size is comprehensive of the thickness of the leads finishing material.
3
Dimensions do not include mold protusion.
4
Package outline exclusive of metal burrs dimensions.
5
Shipping media tape and reel units: 3000
Figure 4.
Foot print recommendation
Table 8. QFN16L (2.6x1.8mm) mechanical data
Dim.
mm.
Min
Typ
Max
A
0.45
0.55
0.60
A1
0
0.02
0.05
b
0.15
0.20
0.25
D
2.50
2.60
2.70
E
1.70
1.80
1.90
e
0.40
L
0.35
0.40
0.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com