Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG6684 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG6684
Description  High isolation dual SPDT analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG6684 Datasheet(HTML) 1 Page - STMicroelectronics

  STG6684 Datasheet HTML 1Page - STMicroelectronics STG6684 Datasheet HTML 2Page - STMicroelectronics STG6684 Datasheet HTML 3Page - STMicroelectronics STG6684 Datasheet HTML 4Page - STMicroelectronics STG6684 Datasheet HTML 5Page - STMicroelectronics STG6684 Datasheet HTML 6Page - STMicroelectronics STG6684 Datasheet HTML 7Page - STMicroelectronics STG6684 Datasheet HTML 8Page - STMicroelectronics STG6684 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
January 2008
Rev 1
1/24
24
STG6684
High isolation dual SPDT analog switch
Features
■ Ultra high off-isolation:
-80 dB (typ) at 1 Mhz
■ Ultra low power dissipation:
ICC = 0.2 μA (max.) at TA = 85 °C
■ RPEAK on Tn = 1.30 Ω max (TA = 25 °C)
at VCC = 4.3 V
■ RPEAK on Sn = 0.55 Ω max (TA = 25 °C)
at VCC = 4.3 V
■ Wide operating voltage range:
VCC (opr) = 1.65 to 4.3 V single supply
■ 4.3 V tolerant and 1.8 V compatible threshold
on digital control input at VCC = 1.65 to 4.3 V
■ Typical bandwidth (-3 dB) at 65 MHz on Sn
channel, 58 MHz on the Tn channel
■ Latch-up performance exceeds 100 mA per
JESD 78, Class II
■ ESD performance exceeds JESD22
2000-V Human body model (A114-A)
Description
The STG6684 is a high-speed CMOS low voltage
dual analog SPDT (single pole dual throw) switch
or 2:1 multiplexer/de-multiplexer switch fabricated
in silicon gate C2MOS technology.
The STG6684 is designed to operate from 1.65 to
4.3 V, making this device ideal for portable
applications.
The SELn inputs are provided to control the
switch operation. The switch Sn is ON (connected
to common ports Dn) when the SELn input is held
low and OFF (high impedance state exists
between the two ports) when SELn is held high.
The switch Tn is “on” (connected to common port
Dn) when the SELn input is held high and “off”
(high impedance state exists between the two
ports) when SELn is held low.
Additional key features are fast switching speed,
break-before-make delay time and ultra low power
consumption. All inputs and outputs are equipped
with protection circuits against static discharge,
giving them ESD immunity and transient excess
voltage.
QFN10L (1.8 x 1.4 mm)
Table 1.
Device summary
Order code
Package
Packaging
STG6684QTR
QFN10L (1.8 x 1.4 mm)
Tape and reel
www.st.com


Similar Part No. - STG6684

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG60H65FBD7 STMICROELECTRONICS-STG60H65FBD7 Datasheet
428Kb / 10P
Trench gate field-stop 650 V, 60 A high-speed HB series IGBT die in D7 packing
06-Jul-2023
STG6384 STMICROELECTRONICS-STG6384 Datasheet
328Kb / 21P
High isolation dual SPST analog switch
08-Jan-2008
STG6384QTR STMICROELECTRONICS-STG6384QTR Datasheet
328Kb / 21P
High isolation dual SPST analog switch
08-Jan-2008
More results

Similar Description - STG6684

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1008N SONY-CXG1008N Datasheet
92Kb / 7P
High Isolation SPDT Switch
CXG1009TN SONY-CXG1009TN Datasheet
54Kb / 4P
High Isolation SPDT Switch
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
Dual SPDT Analog Switch
06-Sep-10
logo
Protek Devices
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
Dual, SPDT Analog Switch
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
Dual SPDT Analog Switch
10-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com