Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG6684 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STG6684
Description  High isolation dual SPDT analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG6684 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STG6684 Datasheet HTML 6Page - STMicroelectronics STG6684 Datasheet HTML 7Page - STMicroelectronics STG6684 Datasheet HTML 8Page - STMicroelectronics STG6684 Datasheet HTML 9Page - STMicroelectronics STG6684 Datasheet HTML 10Page - STMicroelectronics STG6684 Datasheet HTML 11Page - STMicroelectronics STG6684 Datasheet HTML 12Page - STMicroelectronics STG6684 Datasheet HTML 13Page - STMicroelectronics STG6684 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Electrical characteristics
STG6684
10/24
Table 8.
Analog switch characteristics (CL =5pF, RL =50 Ω, TA =25 °C)
Symbol
Parameter
VCC
(V)
Test condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
OIRRTn
Off isolation
for switch
T1,T2
1.65
−−4.3
VS=1 VRMS,
f=1 MHz,
RL = 50 Ω
-80
dB
VS=1 VRMS,
f=10 MHz,
RL = 50 Ω
-60
OIRRSn
Off isolation
for switch
S1, S2
1.65
−−4.3
VS =1 VRMS,
f=100kHz
RL = 50
Ω
-66
dB
VS=1 VRMS,
f=1MHz
RL = 50 Ω
-45
XtalkSn
Crosstalk
between S1
and S2
1.65
−− 4.3
VS=1 VRMS,
f=1MHz
Signal = 0 dBm
-90
dB
VS=1 VRMS,
f=10 MHz
Signal = 0 dBm
-69
dB
XtalkTn
Crosstalk
between T1
and T2
1.65
−− 4.3
VS=1 VRMS,
f=1MHz
Signal = 0 dBm
-85
dB
VS=1 VRMS,
f=10 MHz
Signal = 0 dBm
-74
THDSn
Total
harmonic
distortion
2.3
−− 4.3
f = 20 Hz to 20
kHz
RL=600 Ω,
CL = 50 pF
VIN =2VP-P
VDC =VCC/2
0.01
%
BWTn
-3dB
bandwidth for
switch T1, T2
1.65
−− 4.3
RL =50 Ω
Signal = 0 dBm
58
MHz
BWSn
-3dB
bandwidth for
switch S1,S2
1.65
−− 4.3
RL =50 Ω
Signal = 0 dBm
65
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com