Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMEC001QTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STMEC001QTR
Description  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001QTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STMEC001QTR Datasheet HTML 5Page - STMicroelectronics STMEC001QTR Datasheet HTML 6Page - STMicroelectronics STMEC001QTR Datasheet HTML 7Page - STMicroelectronics STMEC001QTR Datasheet HTML 8Page - STMicroelectronics STMEC001QTR Datasheet HTML 9Page - STMicroelectronics STMEC001QTR Datasheet HTML 10Page - STMicroelectronics STMEC001QTR Datasheet HTML 11Page - STMicroelectronics STMEC001QTR Datasheet HTML 12Page - STMicroelectronics STMEC001QTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STMEC001
Power states
9/19
4
Power states
The STMEC001 operates in a number of states, as described in the following table:
4.1
Power states description
●
No card mode: when no card is inserted, and at least 3.3 VAUX is available, all outputs
are grounded
●
Shutdown mode: when /SHDN is asserted, and at least 3.3 VAUX is available all
outputs are grounded
●
USB/PW enable mode: when all 3 inputs are available, detection of cartd insertion
turns on all 3 outputs.
–
VIN_3.3 V, VIN_3.3VAUX and VIN_1.5 V are present at the USB/PW enable input
of the power switch prior to a card being inserted. Power to the card is based on
the state of /CPUSB and /CPPE (see table).
–
The card is present and VIN_1.5 V or/and VIN_3.3 V is removed from the input of
the power switch; VIN_3.3VAUX will still be provided to the card, VIN_1.5 and
VIN_3.3 V will be disabled (see table). If power to VIN_1.5 V and VIN_3.3 V is
restored, output to the card will be restored.
–
Prior to the insertion of a card, VIN_3.3 VAUX is available, VIN_3.3 V and
VIN_1.5 V are not available; no power is made available to the card. If VIN_1.5 V
and VIN_3.3 V are made available at the input of the power switch after the card is
inserted, both VO_3.3 V and VO_1.5 V are made available to the card.
–
Standy mode: when all 3 supplies are available and /STBY is asserted. Only
3.3 VAUX output is on.
–
OFF mode: if VAUX is off, all outpus are off. When VIN_3.3VAUX is not present,
VIN_1.5 V or/and VIN_3.3 V must not be present.
Table 5.
Power states
Voltage inputs
Logic states
Outputs
Mode
3.3VAUX
3.3 V
1.5 V
/SHDN
/CPUSB
/CPPE
/STBY
3.3VAUX
3.3 V
1.5 V
ON
X
X
1
1
1
X
GND
GND
GND
No card
ON
X
X
0
X
X
X
GND
GND
GND
Shutdown
ON
ON
ON
1
0
X
1
ON
ON
ON
USB enable
ON
ON
ON
1
X
0
1
ON
ON
ON
PE enable
ON
ON
ON
1
X
X
0
ON
OFF
OFF
Standby
OFF
X
X
X
X
X
X
OFF
OFF
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com