Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMEC001QTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STMEC001QTR
Description  Power interface switch for ExpressCardTM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMEC001QTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STMEC001QTR Datasheet HTML 11Page - STMicroelectronics STMEC001QTR Datasheet HTML 12Page - STMicroelectronics STMEC001QTR Datasheet HTML 13Page - STMicroelectronics STMEC001QTR Datasheet HTML 14Page - STMicroelectronics STMEC001QTR Datasheet HTML 15Page - STMicroelectronics STMEC001QTR Datasheet HTML 16Page - STMicroelectronics STMEC001QTR Datasheet HTML 17Page - STMicroelectronics STMEC001QTR Datasheet HTML 18Page - STMicroelectronics STMEC001QTR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package mechanical data
STMEC001
16/19
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 4.
QFN16 (3 x 3 mm) package outline
1.
Drawing not to scale.
Table 13.
QFN16 (3 x 3 mm) mechanical data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
0.80
0.90
1.00
0.032
0.035
0.039
A1
0.02
0.05
0.001
0.002
A3
0.20
0.008
b
0.18
0.25
0.30
0.007
0.010
0.012
D
3.00
0.118
D2
1.55
1.70
1.80
0.061
0.067
0.071
E
3.00
0.118
E2
1.55
1.70
1.80
0.061
0.067
0.071
e
0.50
0.020
K
0.20
0.008
L
0.30
0.40
0.50
0.012
0.016
0.020
r
0.09
0.006
E
A
A1
e
K
E2
b
r
D2
K
L
A3
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com