Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE2403 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 41Page - STMicroelectronics STMPE2403 Datasheet HTML 42Page - STMicroelectronics STMPE2403 Datasheet HTML 43Page - STMicroelectronics STMPE2403 Datasheet HTML 44Page - STMicroelectronics STMPE2403 Datasheet HTML 45Page - STMicroelectronics STMPE2403 Datasheet HTML 46Page - STMicroelectronics STMPE2403 Datasheet HTML 47Page - STMicroelectronics STMPE2403 Datasheet HTML 48Page - STMicroelectronics STMPE2403 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
STMPE2403
PWM controller
45/63
In order to enable a PWM channel, the programming sequence below should be observed.
The ENx of the PWMCS register should be kept in ‘0’. By default, it has a value of ‘0’.
Loads the instructions into the PWM channel x by writing the corresponding PWMICx.
The PWM channel x has a 64-word depth (16-bit width). Any instructions of size less
than or equal to 64 words can be loaded into the channel. Any attempt to load beyond
64 words will result in internal address pointer to roll-over (0x1f
◊ 0x00) and the excess
instructions to be over-written into the first address location of the channel and
onwards.
After the instructions are loaded in, then, the PWM channel x can be enabled by setting
a ‘1’ to the ENx bit.
Enables the corresponding interrupt mask bit to allow interruption to the host.
Table 44. Instruction bit
Instruction
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RAMP
0
Prescale
0=16
1=512
Step Time
0 - 63
0 = immediate action
Sign
0=step-up
1=step-down
Increment
1 – 126
LOAD
0
1
0
PWM Value 0-255
GTS
0
0
0
0
0
BRANCH
1
01
Loop Count 0-63
Addr
Step Size
0 – 63*
END
1
10
Interrupt
to host
Reset
instructio
n counter
and
output
level to
zero
RESERVED
TRIG
1
11
Wait for Trigger
on channel 0 – 2 and external Trigger
Continues if all selected triggers present.
Each bit signifies wait for the corresponding
channel.
Send Trigger
on channel 0 – 2 and
external Trigger
Continues if no Wait for
Trigger in this
instruction.
x(1)
reserved
1
00
RESERVED
1.
Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com