Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPE2403 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STMPE2403
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2403 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STMPE2403 Datasheet HTML 43Page - STMicroelectronics STMPE2403 Datasheet HTML 44Page - STMicroelectronics STMPE2403 Datasheet HTML 45Page - STMicroelectronics STMPE2403 Datasheet HTML 46Page - STMicroelectronics STMPE2403 Datasheet HTML 47Page - STMicroelectronics STMPE2403 Datasheet HTML 48Page - STMicroelectronics STMPE2403 Datasheet HTML 49Page - STMicroelectronics STMPE2403 Datasheet HTML 50Page - STMicroelectronics STMPE2403 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
STMPE2403
Keypad controller
47/63
The keypad column inputs enabled by the KPC_col register are normally 'HIGH', with the
corresponding input pins pulled up by resistors internally. After reset, all the keypad row
outputs enabled by the KPC_row register are driven 'LOW'. If a key is pressed, its
corresponding column input will become 'LOW' after making contact with the 'LOW' voltage
on its corresponding row output.
Once the key scan controller senses a 'LOW' input on any of the column inputs, the
scanning cycles will then start to determine the exact key that has been pressed. The twelve
row outputs will be driven 'LOW' one by one during each scanning cycle. While one row is
driven 'LOW', all other rows are in tri-state and pulled up. If there is any column input sensed
as 'LOW' when a row is driven 'LOW', the key scan controller will then decode the key
coordinates (its corresponding row number and column number), save the key data into a
de-bounce buffer if available, confirm if it is a valid key press after de-bouncing, and update
the key data into output data FIFO if valid.
12.1
Keypad configurations
The keypad controller supports the following types of keys
–
Up to 8 Input *12 Output Matrix Keys
–
Up to 8 Special Function Keys
–
Up to 4 Dedicated Keys
Figure 9.
Maximum configuration
STMPE2403
Matrix Keypad
(8*12)
Input 0-7
Special Function Keys
8*12 (96) Matrix Keys
8 Special Function Keys
0 Dedicated Keys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com