Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22100B1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M22100B1
Description  4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M22100B1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M22100B1 Datasheet HTML 2Page - STMicroelectronics M22100B1 Datasheet HTML 3Page - STMicroelectronics M22100B1 Datasheet HTML 4Page - STMicroelectronics M22100B1 Datasheet HTML 5Page - STMicroelectronics M22100B1 Datasheet HTML 6Page - STMicroelectronics M22100B1 Datasheet HTML 7Page - STMicroelectronics M22100B1 Datasheet HTML 8Page - STMicroelectronics M22100B1 Datasheet HTML 9Page - STMicroelectronics M22100B1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
M22100B
6/10
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
(1) Peak to Peak voltage symmetrical about VDD/2
WAVEFORM 1 : PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
CONTROLS
thold
Data Input Disable
Setup Time
RL = 1KΩ
CL = 50pF
tr, tf = 20ns
5180
ns
10
110
15
35
fΦ
Switching Frequency
5
0.6
1.2
MHz
10
1.6
3.2
15
2.5
5
tW
Strobe Pulse Width
5
300
600
ns
10
120
240
15
90
180
Control Crosstalk
Data-In, Address, or
Strobe to Output
10
10
10
75
mV
peak
Symbol
Parameter
Test Condition
Value (*)
Unit
fI
(KHz)
RL
(K
Ω)
VIS
(1)
(V)
VDD
(V)
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com