Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22100B1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M22100B1
Description  4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M22100B1 Datasheet(HTML) 1 Page - STMicroelectronics

  M22100B1 Datasheet HTML 1Page - STMicroelectronics M22100B1 Datasheet HTML 2Page - STMicroelectronics M22100B1 Datasheet HTML 3Page - STMicroelectronics M22100B1 Datasheet HTML 4Page - STMicroelectronics M22100B1 Datasheet HTML 5Page - STMicroelectronics M22100B1 Datasheet HTML 6Page - STMicroelectronics M22100B1 Datasheet HTML 7Page - STMicroelectronics M22100B1 Datasheet HTML 8Page - STMicroelectronics M22100B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
February 2003
s
LOW ON RESISTANCE - 75
Ω Typ.
at VDD = 12v
s
"BUILT IN" CONTROL LATCHES
s
LARGE ANALOG SIGNAL
CAPABILITY
± V
DD/2
s
TRANSMITS SIGNALS UP TO 10 MHz
s
MATCHED SWITCH CHARACTERISTICS
∆
RON = 18Ω Typ. at VDD-VSS = 12V
s
HIGH LINEARITY : - 0.5% DISTORTION Typ.
at f = 1KHz, VIN = 5 Vpp
VDD - VSS = 10V, RL = 10KΩ
s
STANDARD COS/MOS NOISE IMMUNITY
s
100% TESTED FOR QUIESCENT CURRENT
DESCRIPTION
The M22100 combines a 4 x 4 array of crosspoints
(transmission gates) with a 4 line to 16 line
decoder and 16 latch circuits. Any one of the
sixteen transmission gates (crosspoints) can be
selected by applying the appropriate four line
address. The selected transmission gate can be
turned on or off by applying a logical one or zero,
respectively, to the data input and strobing the
strobe input to a logical one. Any number of the
transmission gates can be ON simultaneously.
When the required operating power is applied to
the 22100, the states of the 16 switches are
indeterminate.
Therefore, all switches must be turned off by
putting the strobe high and data in low, and the
addressing all switches in succession.
M22100
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M22100B1
DIP


Similar Part No. - M22100B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
More results

Similar Description - M22100B1

ManufacturerPart #DatasheetDescription
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
LVDS 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI-SN65LVCP404 Datasheet
1Mb / 21P
Gigabit 4x4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
LVDS 4X4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
LVDS 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI1-SN65LVCP404_15 Datasheet
1Mb / 22P
Gigabit 4x4 CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com