Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC40103 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC40103
Description  8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC40103 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC40103 Datasheet HTML 1Page - STMicroelectronics M74HC40103 Datasheet HTML 2Page - STMicroelectronics M74HC40103 Datasheet HTML 3Page - STMicroelectronics M74HC40103 Datasheet HTML 4Page - STMicroelectronics M74HC40103 Datasheet HTML 5Page - STMicroelectronics M74HC40103 Datasheet HTML 6Page - STMicroelectronics M74HC40103 Datasheet HTML 7Page - STMicroelectronics M74HC40103 Datasheet HTML 8Page - STMicroelectronics M74HC40103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
September 2001
s
HIGH SPEED :
fMAX = 38MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 40103
DESCRIPTION
The M74HC40103 is an high speed CMOS
8-STAGE
PRESETTABLE
SYNCHRONOUS
DOWN COUNTER fabricated with silicon gate
C2MOS technology.
The HC40103 consists of an 8 stage synchronous
down counter with a single output which is active
when the internal count is zero. The HC40103
contains a single 8-bit binary counter. This device
has control inputs for enabling or disabling the
clock, for clearing the counter to its maximum
count, and for presetting the counter either
synchronously or asynchronously. All control
inputs and the CARRY-OUT / ZERO DETECT
output are active low logic. In normal operation the
counter is decremented by one count on each
positive transition of the CLOCK. Counting is
inhibited when the CARRY-IN / COUNTER
ENABLE (CI/CE) input is high. The CARRY-OUT /
ZERO-DETECT (CO/ZD) output goes low when
the count reaches zero if the CI/CE input is low,
and remains low for one full clock period. When
the SYNCHRONOUS PRESET-ENABLE (SPE)
input is low, data at the J input is clocked into the
counter on the next positive clock transition
regardless of the state of the CI/CE input.
When the ASYNCHRONOUS PRESET-ENABLE
(APE) input is low, data at the J inputs is
asynchronously forced into the counter regardless
of the state of the SPE CI/CE or CLOCK inputs. J
input J0-J7 represent a singular 8-bit binary word.
When the CLEAR, CLR input is low, the counter is
asynchronously cleared to its maximum count
M74HC40103
8 STAGE PRESETTABLE
SYNCHRONOUS DOWN COUNTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAG
E
TUBE
T & R
DIP
M74HC40103B1R
SOP
M74HC40103M1R M74HC40103RM13TR
TSSOP
M74HC40103TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC40103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC40103 STMICROELECTRONICS-M74HC40103 Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
M74HC40103B1R STMICROELECTRONICS-M74HC40103B1R Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
M74HC40103C1R STMICROELECTRONICS-M74HC40103C1R Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
M74HC40103F1R STMICROELECTRONICS-M74HC40103F1R Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
M74HC40103M1R STMICROELECTRONICS-M74HC40103M1R Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
More results

Similar Description - M74HC40103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
Presettable synchronous BCD decade up/down counter
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
Presettable synchronous BCD decade up/down counter
December 1990
logo
STMicroelectronics
HCC40102B STMICROELECTRONICS-HCC40102B Datasheet
270Kb / 13P
8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Jun-1989
M54HC40102 STMICROELECTRONICS-M54HC40102 Datasheet
300Kb / 14P
8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
Mar-1993
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
logo
Intersil Corporation
CD40102BMS INTERSIL-CD40102BMS Datasheet
166Kb / 13P
CMOS 8-Stage Presettable Synchronous Down Counters
December 1992
logo
NXP Semiconductors
74AC11190 PHILIPS-74AC11190 Datasheet
339Kb / 12P
ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
logo
STMicroelectronics
HCF40103B STMICROELECTRONICS-HCF40103B_02 Datasheet
830Kb / 14P
8-STAGE PRESETTABLE SYNCHRONOUS 8 BIT BINARY DOWN COUNTERS
Sep-2002
logo
Texas Instruments
CD74HC40103-EP TI1-CD74HC40103-EP Datasheet
395Kb / 14P
HIGH-SPEED CMOS LOGIC 8-STAGE SYNCHRONOUS DOWN COUNTER
CD40102B TI1-CD40102B_15 Datasheet
1Mb / 17P
CMOS 8-stage Presettable Synchronous Down Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com