Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4051 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC4051
Description  Single 8-channel analog multiplexer/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4051 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC4051 Datasheet HTML 3Page - STMicroelectronics M74HC4051 Datasheet HTML 4Page - STMicroelectronics M74HC4051 Datasheet HTML 5Page - STMicroelectronics M74HC4051 Datasheet HTML 6Page - STMicroelectronics M74HC4051 Datasheet HTML 7Page - STMicroelectronics M74HC4051 Datasheet HTML 8Page - STMicroelectronics M74HC4051 Datasheet HTML 9Page - STMicroelectronics M74HC4051 Datasheet HTML 10Page - STMicroelectronics M74HC4051 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
M74HC4051
Maximum ratings
7/17
Table 7.
AC electrical characteristics (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C
-55 to
125°C
Min.
Typ
Max
Min
Max
Min
Max
ΦI/O
Phase difference
between input
and output
2.0
GND
25
60
75
90
ns
4.5
GND
6
12
15
18
6.0
GND
5
10
13
15
4.5
-4.5
4
tPZL
tPZH
Output enable
time
2.0
GND
RL = 1 KΩ
64
225
280
340
ns
4.5
GND
18
45
56
68
6.0
GND
15
38
48
58
4.5
-4.5
18
tPLZ
tPHZ
Output disable
time
2.0
GND
RL = 1 KΩ
100
250
315
375
ns
4.5
GND
33
50
63
70
6.0
GND
28
43
54
64
4.5
-4.5
29
Table 8.
Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25 °C
-40 to
85 °C
-55 to
125 °C
Min
Typ
Max
Min
Max
Min
Max
CIN
Input capacitance
5.0
5
10
10
10
pF
CI/O
Common terminal
capacitance
5.0
-5.0
36
70
70
70
pF
CI/O
Switch terminal
capacitance
5.0
-5.0
7
15
15
15
pF
CIOS
Feed through
capacitance
5.0
-5.0
0.95
2
2
2
pF
CPD
Power dissipation
capacitance
(1)
5.0
GND
70
pF
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current
consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation.
ICC(opr) = CPD x VCC x fIN + ICC .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com