Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC4051 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M74HC4051
Description  Single 8-channel analog multiplexer/demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4051 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M74HC4051 Datasheet HTML 4Page - STMicroelectronics M74HC4051 Datasheet HTML 5Page - STMicroelectronics M74HC4051 Datasheet HTML 6Page - STMicroelectronics M74HC4051 Datasheet HTML 7Page - STMicroelectronics M74HC4051 Datasheet HTML 8Page - STMicroelectronics M74HC4051 Datasheet HTML 9Page - STMicroelectronics M74HC4051 Datasheet HTML 10Page - STMicroelectronics M74HC4051 Datasheet HTML 11Page - STMicroelectronics M74HC4051 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Maximum ratings
M74HC4051
8/17
Table 9.
Analog switch characteristics (GND = 0 V; TA = 25°C)
Symbo
l
Parameter
Test condition
Value
Unit
VCC
(V)
VEE
(V)
VIN
(Vp-p)
Typ
Sine wave
distortion
2.25
-2.25
4
fIN = 1 KHz RL = 10 KΩ CL = 50 pF
0.025
%
4.5
-4.5
8
0.020
6.0
-6.0
11
0.018
fMAX
Frequency
response
(Switch on)(1)
2.25
-2.25
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL = 50 Ω, CL = 10 pF, fIN = 1 KHz sine wave
120
MHz
4.5
-4.5
190
6.0
-6.0
200
fMAX
Frequency
response
(switch on)(2)
2.25
-2.25
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL = 50Ω, CL = 10 pF, fIN = 1KHz sine wave
45
MHz
4.5
-4.5
70
6.0
-6.0
85
Feed through
attenuation
(switch off)
2.25
-2.25
VIN is centered at (VCC - VEE)/2
Adjust input for 0 dBm
RL = 600 Ω, CL = 50 pF, fIN = 1 KHz sine wave
-50
dB
4.5
-4.5
-50
6.0
-6.0
-50
Crosstalk
(control input to
signal output)
2.25
-2.25
Adjust RL at set up so that IS = 0A.
RL = 600 Ω, CL = 50 pF, fIN = 1 KHz square wave
60
mV
4.5
-4.5
140
6.0
-6.0
200
Crosstalk
(between any
two switches)
2.25
-2.25
Adjust VIN to obtain 0d Bm at input
RL = 600 Ω, CL = 50 pF, fIN = 1 KHz sine wave
-50
dB
4.5
-4.5
-50
6.0
-6.0
-50
1.
Input common terminal, and measured at switch terminal.
2.
Input switch terminal, and measured at common terminal.
These characteristics are determined by the design of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com