Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLVDS31BD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLVDS31BD
Description  HIGH SPEED DIFFERENTIAL LINE DRIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS31BD Datasheet(HTML) 1 Page - STMicroelectronics

  STLVDS31BD Datasheet HTML 1Page - STMicroelectronics STLVDS31BD Datasheet HTML 2Page - STMicroelectronics STLVDS31BD Datasheet HTML 3Page - STMicroelectronics STLVDS31BD Datasheet HTML 4Page - STMicroelectronics STLVDS31BD Datasheet HTML 5Page - STMicroelectronics STLVDS31BD Datasheet HTML 6Page - STMicroelectronics STLVDS31BD Datasheet HTML 7Page - STMicroelectronics STLVDS31BD Datasheet HTML 8Page - STMicroelectronics STLVDS31BD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
May 2003
s
MEETS OR EXCEEDS THE
REQUIREMENTS OF ANSI TIA/EIA-644
STANDARD
s
LOW VOLTAGE DIFFERENTIAL SIGNALING
WITH TYPICAL OUTPUT VOLTAGE OF
350mV AND A 100
Ω LOAD
s
TYPICAL OUTPUT VOLTAGE RISE AND
FALL TIMES OF 750ps (400Mbps)
s
TYPICAL PROPAGATION DELAY TIMES OF
1.7ns
s
OPERATES FROM A SINGLE 3.3V SUPPLY
s
POWER DISSIPATION 25mW TYPICAL PER
DRIVER AT 200MHz
s
DRIVER AT HIGH IMPEDANCE WHEN
DISABLEDORWITHVCC =0V
s
PIN COMPATIBLE WITH THE AM26LS31,
SN65LVD31
s
LOW VOLTAGE TTL (LVTTL) LOGIC INPUT
LEVELS
DESCRIPTION
The STLVDS31 is a quad differential line drivers
that implements the electrical characteristics of
low voltage differential signaling (LVDS). This
signaling technique lowers the output voltage
levels of 5V differential standard levels (such as
TIA/EIA-422B) to reduce the power, increase the
switching speeds and allows operations with a
3.3V supply rail. Any of the four current mode
drivers will deliver a minimum differential output
voltage magnitude of 247mV into a 100
Ω load
when enabled.
The intended application of this device and
signalling technique is for point-to-point baseband
data transmission over controlled impedance
media approximately 100
Ω. The transmission
media may be printed circuit board traces,
backplanes or cables. The ultimate rate and
distance of data transfer is dependent upon the
attenuation characteristics of the media and noise
coupling to the environment.
The STLVDS31 is characterized for operation
from -40°C to 85°C.
ORDERING CODES
Type
Temperature
Range
Package
Comments
STLVDS31BD
-40 to 85 °C
SO-16 (Tube)
50parts per tube / 20tube per box
STLVDS31BDR
-40 to 85 °C
SO-16 (Tape & Reel)
2500 parts per reel
STLVDS31BTR
-40 to 85 °C
TSSOP16 (Tape & Reel)
2500 parts per reel
STLVDS31
HIGH SPEED
DIFFERENTIAL LINE DRIVERS
SOP
TSSOP


Similar Part No. - STLVDS31BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS31B STMICROELECTRONICS-STLVDS31B Datasheet
702Kb / 15P
High speed differential line drivers
15-Jul-2009
STLVDS31BTR STMICROELECTRONICS-STLVDS31BTR Datasheet
216Kb / 15P
High speed differential line drivers
28-Mar-2006
STLVDS31BTR STMICROELECTRONICS-STLVDS31BTR Datasheet
702Kb / 15P
High speed differential line drivers
15-Jul-2009
More results

Similar Description - STLVDS31BD

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387 Datasheet
276Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS179 TI1-SN65LVDS179_16 Datasheet
1Mb / 50P
High-Speed Differential Line Drivers
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
High-Speed Differential Line Drivers
logo
STMicroelectronics
STLVDS31B STMICROELECTRONICS-STLVDS31B Datasheet
702Kb / 15P
High speed differential line drivers
15-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com