Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLVDS31BD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLVDS31BD
Description  HIGH SPEED DIFFERENTIAL LINE DRIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS31BD Datasheet(HTML) 5 Page - STMicroelectronics

  STLVDS31BD Datasheet HTML 1Page - STMicroelectronics STLVDS31BD Datasheet HTML 2Page - STMicroelectronics STLVDS31BD Datasheet HTML 3Page - STMicroelectronics STLVDS31BD Datasheet HTML 4Page - STMicroelectronics STLVDS31BD Datasheet HTML 5Page - STMicroelectronics STLVDS31BD Datasheet HTML 6Page - STMicroelectronics STLVDS31BD Datasheet HTML 7Page - STMicroelectronics STLVDS31BD Datasheet HTML 8Page - STMicroelectronics STLVDS31BD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STLVDS31
5/13
SWITCHING CHARACTERISTICS (Unless otherwise noted. Typical values are referred to TA =25°C
and VCC =3.3V)
Note 1: tsk(O) is the maximum delay time difference between drivers on the same device.
Note 2: RS-232 IN to TTL-CMOS OUT (from 50% to 50%)
Figure 1 : Voltage and Current Definitions
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay Time,
Low to High Output
RL =100Ω
CL = 10pF
Fig. 2
0.5
1.4
2
ns
tPHL
Propagation Delay Time,
High to Low Output
1
1.7
2.5
ns
tr
Differential Output Signal
Rise Time
0.4
0.5
0.6
ns
tf
Differential Output Signal
Fall Time
0.4
0.5
0.6
ns
tsk(P)
Pulse Skew (|tTHL =tTLH|)
0.3
0.6
ns
tsk(O)
Channel to Channel Output
Skew (note1)
0
0.3
ns
tPZH
Propagation Delay Time,
High Impedance to High
Level Output
Fig. 4
5.4
15
ns
tPZL
Propagation Delay Time,
High Impedance to Low
Level Output
2.5
15
ns
tPHZ
Propagation Delay Time,
High Level to High
Impedance Output
8.1
15
ns
tPLZ
Propagation Delay Time,
Low Level to High
Impedance Output
7.3
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com