Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST4G3235BJR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST4G3235BJR
Description  4-bit dual supply bus buffer level translator with a side series resistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235BJR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST4G3235BJR Datasheet HTML 8Page - STMicroelectronics ST4G3235BJR Datasheet HTML 9Page - STMicroelectronics ST4G3235BJR Datasheet HTML 10Page - STMicroelectronics ST4G3235BJR Datasheet HTML 11Page - STMicroelectronics ST4G3235BJR Datasheet HTML 12Page - STMicroelectronics ST4G3235BJR Datasheet HTML 13Page - STMicroelectronics ST4G3235BJR Datasheet HTML 14Page - STMicroelectronics ST4G3235BJR Datasheet HTML 15Page - STMicroelectronics ST4G3235BJR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Electrical characteristics
ST4G3235
12/21
Note:
1
Skew is defined as the absolute value of the difference between the actual propagation
delay for any two outputs of the same device switching in the same direction, either HIGH or
LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|
2
Parameter guaranteed by design
Table 9. AC electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)
VCCA
(V)
-40 to 85 °C
Min.
Max.
tPLH tPHL
Propagation delay time Bn to An
2.3 to 3.6
1.4
CL = 10 pF
2.0
6.5
ns
1.4 to 1.95
1.4
2.0
6.8
2.3 to 3.6
1.65 to 1.95
2.0
5.2
1.4 to 1.95 1.65 to 1.95
2.0
5.6
1.4 to 1.95
2.3 to 2.7
2.0
4.6
1.4 to 1.95
3.0 to 3.6
2.0
4.3
2.3 to 2.7
3.0 to 3.6
1.0
3.6
tPLH tPHL
Propagation delay time Bn to An
2.3 to 3.6
1.4
CL = 30 pF
RL = 500 Ω
2.0
7.5
ns
1.4 to 1.95
1.4
2.0
7.5
2.3 to 3.6
1.65 to 1.95
2.0
6.5
1.4 to 1.95 1.65 to 1.95
2.0
6.7
1.4 to 1.95
2.3 to 2.7
2.0
5.9
1.4 to 1.95
3.0 to 3.6
2.0
5.7
2.3 to 2.7
3.0 to 3.6
1.0
4.9
tPLH tPHL
Propagation delay time An to Bn
2.3 to 3.6
1.4
CL = 10 pF
2.0
5.5
ns
1.4 to 1.95
1.4
2.0
6.0
2.3 to 3.6
1.65 to 1.95
2.0
5.0
1.4 to 1.95 1.65 to 1.95
2.0
5.0
1.4 to 1.95
2.3 to 2.7
2.0
4.6
1.4 to 1.95
3.0 to 3.6
2.0
3.9
2.3 to 2.7
3.0 to 3.6
1.0
3.0
tPLH tPHL
Propagation delay time An to Bn
2.3 to 3.6
1.4
CL = 30 pF
RL = 500 Ω
2.0
7.0
ns
1.4 to 1.95
1.4
2.0
7.5
2.3 to 3.6
1.65 to 1.95
2.0
6.0
1.4 to 1.95 1.65 to 1.95
2.0
6.0
1.4 to 1.95
2.3 to 2.7
2.0
5.6
1.4 to 1.95
3.0 to 3.6
2.0
4.6
2.3 to 2.7
3.0 to 3.6
1.0
4.0
tOSLH tOSHL Output to output skew time (note1, 2)
1.8
± 0.15
2.5
± 0.2
CL = 30 pF
RL = 500 Ω
0.5
ns
1.8
± 0.15
3.3
± 0.3
0.5
2.5
± 0.2
3.3
± 0.3
0.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com