Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST4G3235BJR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST4G3235BJR
Description  4-bit dual supply bus buffer level translator with a side series resistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235BJR Datasheet(HTML) 3 Page - STMicroelectronics

  ST4G3235BJR Datasheet HTML 1Page - STMicroelectronics ST4G3235BJR Datasheet HTML 2Page - STMicroelectronics ST4G3235BJR Datasheet HTML 3Page - STMicroelectronics ST4G3235BJR Datasheet HTML 4Page - STMicroelectronics ST4G3235BJR Datasheet HTML 5Page - STMicroelectronics ST4G3235BJR Datasheet HTML 6Page - STMicroelectronics ST4G3235BJR Datasheet HTML 7Page - STMicroelectronics ST4G3235BJR Datasheet HTML 8Page - STMicroelectronics ST4G3235BJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ST4G3235
Pin settings
3/21
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top through view)
1.2
Pin description
Table 2. Pin description
Pin N°
Symbol
Name and function
A1
A4
Data input (VCCA referred)
A3
A3
Data input (VCCA referred)
A5
A2
Data output (VCCA referred)
A7
A1
Data output (VCCA referred)
C1
B4
Data output (VCCB referred)
C3
B3
Data output (VCCB referred)
C5
B2
Data input (VCCB referred)
C7
B1
Data input (VCCB referred)
B2
GND
Ground (0V)
B6
VCCA
Positive supply voltage
B4
VCCB
Positivsoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com