Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6G3238E Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST6G3238E
Description  Dual supply level translator for SD/ MINISD/ T-FLASH With ±8KV contact discharge ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST6G3238E Datasheet HTML 3Page - STMicroelectronics ST6G3238E Datasheet HTML 4Page - STMicroelectronics ST6G3238E Datasheet HTML 5Page - STMicroelectronics ST6G3238E Datasheet HTML 6Page - STMicroelectronics ST6G3238E Datasheet HTML 7Page - STMicroelectronics ST6G3238E Datasheet HTML 8Page - STMicroelectronics ST6G3238E Datasheet HTML 9Page - STMicroelectronics ST6G3238E Datasheet HTML 10Page - STMicroelectronics ST6G3238E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ST6G3238E
Maximum rating
7/19
4
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of this
specification is not implied. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
Table 6.
Recommended operating conditions
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCCA
Supply voltage
-0.5 to 4.6
V
VCCB
Supply voltage
-0.5 to 4.6
V
VI
DC input voltage
-0.5 to 4.6
V
VI/OA
DC I/O voltage (output disabled)
-0.5 to 4.6
V
VI/OB
DC I/O voltage (output disabled)
-0.5 to 4.6
V
VI/OA
DC output voltage
-0.5 to VCCA + 0.5
V
VI/OB
DC output voltage
-0.5 to VCCB + 0.5
V
IIK
DC input diode current
-20
mA
IOK
DC output diode current
-50
mA
IOA
DC output current
±50
mA
IOB
DC output current
±50
mA
ICCA
DC VCC or ground current
±100
mA
ICCB
DC VCC or ground current
±100
mA
PD
Power dissipation
400
mW
Tstg
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
260
°C
Symbol
Parameter
Value
Unit
VCCA
Supply voltage
1.4 to VCCB
V
VCCB
Supply voltage
1.4 to 3.6
V
VI
Input voltage (CMD-dir/DAT0-dir/DAT123-dir)
0 to VCCA
V
VI/OA
I/O voltage
0 to VCCA
V
VI/OB
I/O voltage
0 to VCCB
V
Top
Operating temperature
-40 to +85
°C
dt/dv
Input rise and fall time (1)
1.
VIN from 0.8V to 2.0V at VCC = 3.0V
0 to 10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com