Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST6G3238E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST6G3238E
Description  Dual supply level translator for SD/ MINISD/ T-FLASH With ±8KV contact discharge ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238E Datasheet(HTML) 1 Page - STMicroelectronics

  ST6G3238E Datasheet HTML 1Page - STMicroelectronics ST6G3238E Datasheet HTML 2Page - STMicroelectronics ST6G3238E Datasheet HTML 3Page - STMicroelectronics ST6G3238E Datasheet HTML 4Page - STMicroelectronics ST6G3238E Datasheet HTML 5Page - STMicroelectronics ST6G3238E Datasheet HTML 6Page - STMicroelectronics ST6G3238E Datasheet HTML 7Page - STMicroelectronics ST6G3238E Datasheet HTML 8Page - STMicroelectronics ST6G3238E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
August 2006
Rev 3
1/19
19
ST6G3238E
Dual supply level translator for SD/ MINISD/ T-FLASH
With ±8KV contact discharge ESD protection
Features
■ High speed: tPD = 4.4ns (Typ.) at TA = 85°C
VCCB = 2.7V VCCA = 1.8V
■ Low power dissipation:
ICCA = ICCB = 5µA (Max.) at TA = 85°C
■ Balanced propagation delays: TPLH
≈ T
PHL
■ Power down protection on inputs and outputs
■ 26
Ω series resistor on a side
■ EMI filter on B side
■ Integrated pull-up and pull-down resistor on B
side
■ Operating voltage range:
–VCCA (Opr) = 1.4V to VCCB
–VCCB (Opr) = 1.4V to 3.6V
■ Latch-up performance exceeds 500mA
(JESD17)
■ ESD protection for card side (B port, CD and
WP pins) ±8kV, IEC 61000-4-2 ESD or contact
discharge:
HBM > ±15kV (MIL STD 883 method 3015);
■ ESD protection for A-port:
HBM > ±2kV (MIL STD 883 method 3015);
■ ROHS Compliant for µTFBGA25 Package
Description
The ST6G3238E is a dual supply low voltage
CMOS Level Translator for SD/ MiniSD/ T-Flash
fabricated with sub-micron silicon gate and five-
layer metal wiring C2MOS technology. Designed
for use as an interface between a 3.3V bus and a
2.5V or 1.8V bus in a mixed 3.3V/1.8V, 3.3V/2.5V
and 2.5V/1.8V supply systems, it achieves high
speed operation while maintaining the CMOS low
power dissipation. The A port is designed to track
VCCA. The B port is designed to track VCCB.
This device is intended for two-way asynchronous
communication between data buses and the
direction of data transmission is determined by
CMD-dir/ DATA0-dir/ DAT123-dir inputs. The B-
port interfaces with the 3V bus, the A-port with the
2.5V and 1.8V bus.
All inputs are equipped with protection circuits
against static discharge, giving them ±2kV (on A-
side except CD and WP pins) and ±15kV on (B
side, CD and WP pins) ESD immunity and
transient excess voltage. See the section on
integrated ESD protections and resistors for more
information.
µTFBGA25
TSSOP24
www.st.com
Order codes
Part Number
Package
Tape and Reel
ST6G3238E
TSSOP24
ST6G3238ETTR
ST6G3238E
µTFBGA25
ST6G3238ETBR


Similar Part No. - ST6G3238E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
224Kb / 17P
Dual Supply Level Translator for SD/ MINISD/ T-FLASH With ±8KV Contact Discharge ESD Protection
23-Feb-2006
ST6G3238ETBR STMICROELECTRONICS-ST6G3238ETBR Datasheet
224Kb / 17P
Dual Supply Level Translator for SD/ MINISD/ T-FLASH With ±8KV Contact Discharge ESD Protection
23-Feb-2006
ST6G3238ETTR STMICROELECTRONICS-ST6G3238ETTR Datasheet
224Kb / 17P
Dual Supply Level Translator for SD/ MINISD/ T-FLASH With ±8KV Contact Discharge ESD Protection
23-Feb-2006
More results

Similar Description - ST6G3238E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
224Kb / 17P
Dual Supply Level Translator for SD/ MINISD/ T-FLASH With ±8KV Contact Discharge ESD Protection
23-Feb-2006
ST6G3237 STMICROELECTRONICS-ST6G3237 Datasheet
214Kb / 17P
Dual supply level translator for SD/ MINISD / T-FLASH
18-Jan-2007
ST6G3238BE STMICROELECTRONICS-ST6G3238BE Datasheet
299Kb / 17P
Dual supply level translator for SD/ MINISD/ T-FLASH With ±8KV contact discharge ESD protection
22-Mar-2007
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
18-Apr-2008
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
Dual supply level translator for SD/ MINISD / T-FLASH
14-Jun-2007
ST6G3244ME STMICROELECTRONICS-ST6G3244ME Datasheet
662Kb / 27P
Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and ±15 kV ESD protection
November 2011 Rev 2
logo
Nexperia B.V. All right...
IP4856CX25 NEXPERIA-IP4856CX25 Datasheet
383Kb / 22P
SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
logo
NXP Semiconductors
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com