Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1403ASNQ6F Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM1403ASNQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403ASNQ6F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM1403ASNQ6F Datasheet HTML 10Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 11Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 12Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 13Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 14Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 15Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 16Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 17Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Operation
STM1403
14/35
3
Operation
3.1
Reset input
The STM1403 security supervisor asserts a reset signal to the MCU whenever VCC goes
below the reset threshold (VRST), or when the push-button reset input (MR) is taken low.
RST is guaranteed to be a logic low for 0V < VCC < VRST if VBAT is greater than 1V. Without
a backup battery, RST is guaranteed valid down to VCC =1V.
During power-up, once VCC exceeds the reset threshold an internal timer keeps RST low for
the reset time-out period, trec. After this interval RST returns high.
If VCC drops below the reset threshold, RST goes low. Each time RST is asserted, it stays
low for at least the reset time-out period (trec). Any time VCC goes below the reset threshold
the internal timer clears. The reset timer starts when VCC returns above the reset threshold.
3.2
Push-button reset input
A logic low on MR asserts reset. Reset remains asserted while MR is low, and for trec (see
Figure 25 on page 24) after it returns high. The MR input has an internal 40 k
Ω pull-up
resistor, allowing it to be left open if not used. This input can be driven with TTL/CMOS-logic
levels or with open-drain/collector outputs. Connect a normally open momentary switch from
MR to ground to create a manual reset function; external debounce circuitry is not required.
If MR is driven from long cables or the device is used in a noisy environment, connect a
0.1 µF capacitor from MR to VSS to provide additional noise immunity. MR may float, or be
tied to VCC when not used.
3.3
Backup battery switchover
In the event of a power failure, it may be necessary to preserve the contents of external
SRAM through VOUT. With a backup battery installed with voltage VBAT, the devices
automatically switch the SRAM to the backup supply when VCC falls.
Note:
If backup battery is not used, connect both VBAT and VOUT to VCC.
This family of security supervisors does not always connect VBAT to VOUT when VBAT is
greater than VCC. VBAT connects to VOUT (through a 100 Ω switch) when VCC is below VSW
(~2.4 V) or VBAT (whichever is lower). This is done to allow the backup battery (e.g., a 3.6 V
battery) to have a higher voltage than VCC.
Assuming that VBAT > 2.0 V, switchover at VSO ensures that battery backup mode is entered
before VOUT gets too close to the 2.0 V minimum required to reliably retain data in most
external SRAMs. When VCC recovers, hysteresis is used to avoid oscillation around the VSO
point. VOUT is connected to VCC through a 3 Ω PMOS power switch.
Note:
The backup battery may be removed while VCC is valid, assuming VBAT is adequately
decoupled (0.1 µF typ), without danger of triggering a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com