Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1403ASNQ6F Datasheet(PDF) 24 Page - STMicroelectronics

Part # STM1403ASNQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403ASNQ6F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STM1403ASNQ6F Datasheet HTML 20Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 21Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 22Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 23Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 24Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 25Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 26Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 27Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
DC and AC parameters
STM1403
24/35
7
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 5: Operating and AC measurement condition. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Figure 24.
AC testing input/output waveforms
Figure 25.
MR timing waveform
Figure 26.
STM1403 switchover diagram, condition A (VBAT < VSW)
Figure 27.
STM1403 switchover diagram, condition B (VBAT > VSW)
Table 5.
Operating and AC measurement condition
Parameter
STM1403
Unit
VCC/VBAT supply voltage
2.2 to 3.6
V
Ambient operating temperature (TA)–40 to 85
°C
Input rise and fall times
≤ 5ns
Input pulse voltages
0.2 to 0.8VCC
V
Input and output timing ref. voltages
0.3 to 0.7VCC
V
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC
AI09694
RST
MR
tMLRL
trec
tMLMH
AI10463
VCC = 3.3V
VSW = 2.4V
VBAT
VBAT – 75mV
VBAT – 35mV
VRST
VOUT
AI10464
VCC = 3.3V
VSW = 2.4V
VBAT
VSW + 40mV
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com