Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS424E02BDA3E Datasheet(PDF) 42 Page - STMicroelectronics

Part # STTS424E02BDA3E
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02BDA3E Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STTS424E02BDA3E Datasheet HTML 38Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 39Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 40Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 41Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 42Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 43Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 44Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 45Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
Package mechanical data
STTS424E02
42/51
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a halogen-free and lead-free second level interconnect.
The category of second Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
Figure 15.
DFN8 – 8-lead dual flat, no-lead (2 mm x 3 mm) package outline (DA)
1.
Drawing is not to scale.
DA_ME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com