Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTS424E02BDA3E Datasheet(PDF) 43 Page - STMicroelectronics

Part # STTS424E02BDA3E
Description  Memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS424E02BDA3E Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STTS424E02BDA3E Datasheet HTML 39Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 40Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 41Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 42Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 43Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 44Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 45Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 46Page - STMicroelectronics STTS424E02BDA3E Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
STTS424E02
Package mechanical data
43/51
Table 28.
DFN8 – 8-lead dual flat, no-lead (2 mm x 3 mm) mechanical data (DA)
Sym
mm
inches
Min
Typ
Max
Min
Typ
Max
A
0.80
0.85
0.90
0.031
0.033
0.035
A1
0.00
0.00
0.05
0.000
0.000
0.002
A3
0.20
0.005
b
0.20
0.25
0.30
0.008
0.010
0.012
D
1.95
2.00
2.05
0.075
0.078
0.079
D2
1.35
1.40
1.45
0.053
0.055
0.057
E
2.95
3.00
3.05
0.116
0.118
0.120
E2
1.25
1.30
1.35
0.049
0.051
0.053
e
0.50
0.020
L
0.20
0.30
0.40
0.008
0.012
0.016
ddd
0.08
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com