Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIS326DQ Datasheet(PDF) 13 Page - STMicroelectronics

Part # AIS326DQ
Description  MEMS inertial sensor 3-axis, low g accelerometer with digital output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS326DQ Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AIS326DQ Datasheet HTML 9Page - STMicroelectronics AIS326DQ Datasheet HTML 10Page - STMicroelectronics AIS326DQ Datasheet HTML 11Page - STMicroelectronics AIS326DQ Datasheet HTML 12Page - STMicroelectronics AIS326DQ Datasheet HTML 13Page - STMicroelectronics AIS326DQ Datasheet HTML 14Page - STMicroelectronics AIS326DQ Datasheet HTML 15Page - STMicroelectronics AIS326DQ Datasheet HTML 16Page - STMicroelectronics AIS326DQ Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
AIS326DQ
Mechanical and electrical specifications
13/49
2.3
Communication interface characteristics
2.3.1
SPI - serial peripheral interface
Subject to general operating conditions for Vdd and TOP.
Figure 3.
SPI slave timing diagram (2)
2.
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both input and output port
3.
When no communication is on-going, data on CS, SPC, SDI and SDO are driven by internal pull-up
resistors
Table 5.
SPI slave timing values
Symbol
Parameter
Value(1)
1.
Values are guaranteed at 8 MHz clock frequency for SPI with both 4 and 3 wires, based on characterization
results, not tested in production
Unit
Min
Max
tc(SPC)
SPI clock cycle
125
ns
fc(SPC)
SPI clock frequency
8
MHz
tsu(CS)
CS setup time
5
ns
th(CS)
CS hold time
10
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
55
th(SO)
SDO output hold time
7
tdis(SO)
SDO output disable time
50
SPC
CS
SDI
SDO
tsu(CS)
tv(SO)
th(SO)
th(SI)
tsu(SI)
th(CS)
tdis(SO)
tc(SPC)
MSB IN
MSB OUT
LSB OUT
LSB IN
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com