Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA14V2-4BF3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA14V2-4BF3
Description  Quad bidirectional Transil array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-4BF3 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA14V2-4BF3 Datasheet HTML 1Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 2Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 3Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 4Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 5Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 6Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 7Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Application information
ESDA14V2-4BF3
4/8
2
Application information
Figure 10.
Aplac model
Figure 9.
Digital crosstalk measurements
MODEL = D01
Ls
MODEL = D01
MODEL = D01
MODEL = D01
Ls
Rs
Rs
Ls
Rs
MODEL = D02
Ls
A1
C3
A3
C1
B2
Rs
Lgnd
Rs
Model D01
BV=16
IBV=1m
CJO=12p
M=0.333
RS=2.9
VJ=0.6
TT=100n
Model D02
BV=16
IBV=1m
CJO=320p
M=0.333
RS=80m
VJ=0.6
TT=100n
aplacvar Ls 290pH
aplacvar Lgnd 130pH
aplacvar Rs 100m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com