Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA14V2-4BF3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDA14V2-4BF3
Description  Quad bidirectional Transil array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-4BF3 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDA14V2-4BF3 Datasheet HTML 1Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 2Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 3Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 4Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 5Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 6Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 7Page - STMicroelectronics ESDA14V2-4BF3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ESDA14V2-4BF3
Ordering information scheme
5/8
3
Ordering information scheme
Figure 11.
Ordering information scheme
4
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Figure 12.
Package dimensions
ESDA
14V2 - 4
B
Fx
ESD Array
Number of line
Package
Breakdown Voltage
Type
14V2 = 14.2 Volts min.
B = Bidirectional
4 = 4 lines
F = Flip Chip
x = 3: lead-free, pitch = 400µm, bump height = 255 µm
0.935 mm ± 30µm
255 µm ± 40
565 µm ± 40
185 µm ± 10
605 µm ± 55
185 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com