Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1M3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDALC6V1M3
Description  Dual low capacitance Transil array for ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1M3 Datasheet(HTML) 6 Page - STMicroelectronics

  ESDALC6V1M3_08 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4 Ordering information
ESDALC6V1W5
6/7
4
Ordering information
5
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
ESDALC6V1W5
C61
SOT323-5L
5.4 mg
3000
Tape & reel
Date
Revision
Changes
Jun-2002
4A
Previous issue
10-Jan-2006
5
Reformatted to current template.
Figure 5: Range of Tj extended to 150 °C.
Figure 6: Peak forward voltage drop versus peak forward current (typical
values) added.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com