Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6V1M3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALC6V1M3
Description  Dual low capacitance Transil array for ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1M3 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALC6V1M3_08 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1M3_08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev 5
January 2006
1/7
7
ESDALC6V1W5
Quad TRANSIL™ array for data protection
Main applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
■ Computers
■ Printers
■ Communication systems
■ Cellular phones and accessories
■ Wireline and wireless telephone sets
■ Set top boxes
Features
■ 4 Unidirectional Transil functions
■ Breakdown voltage:
VBR = 6.1 V minimum
■ Low leakage current: < 1 µA
■ Low capacitance: 7.5 pF at 3 V
■ Very small PCB area < 4.2 mm2 typically
Description
The ESDALCxxxWx are monolithic suppressors
designed to protect components connected to
data and transmission lines against ESD.
These devices clamp the voltage just above the
logic level supply for positive transients, and to a
diode drop below ground for negative transients.
Benefits
■ High ESD protection level: up to 25 kV
■ High integration
Order codes
ESDALC6V1W5 Functional diagram
Complies with the following standards
IEC61000-4-2
MIL STD 883E - Method 3015-7 Class 3
TM: TRANSIL is a trademark of STMicroelectronics
Part Number
Marking
ESDALC6V1W5
C61
Level 4
15 kV (air discharge)
8 kV(contact discharge)
25 kV HBM (Human Body Model)
SOT323-5L
I/01
I/02
GND
I/04
I/03
www.st.com


Similar Part No. - ESDALC6V1M3_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3 Datasheet
327Kb / 8P
Dual low capacitance TRANSIL??array for ESD protection
2006-Jun-16
More results

Similar Description - ESDALC6V1M3_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXXL STMICROELECTRONICS-ESDAXXL Datasheet
60Kb / 6P
DUAL TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDALC6V1P6 STMICROELECTRONICS-ESDALC6V1P6 Datasheet
160Kb / 10P
QUAD LOW CAPACITANCE TRANSIL TM ARRAY FOR ESD PROTECTION
02-Nov-2005
ESDALC6V1P5 STMICROELECTRONICS-ESDALC6V1P5 Datasheet
53Kb / 5P
QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION
Feb-2004
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3 Datasheet
327Kb / 8P
Dual low capacitance TRANSIL??array for ESD protection
2006-Jun-16
logo
Leshan Radio Company
LESDAXXXLT1G LRC-LESDAXXXLT1G Datasheet
619Kb / 7P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDALC6V1C2 STMICROELECTRONICS-ESDALC6V1C2 Datasheet
88Kb / 7P
Quad low capacitance TRANSIL array for ESD protection
07-Aug-2006
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
logo
Leshan Radio Company
LESDA25VLT1G LRC-LESDA25VLT1G Datasheet
729Kb / 7P
Dual transil array for ESD protection
LESD6V8T1G LRC-LESD6V8T1G Datasheet
481Kb / 3P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
Low capacitance TRANSIL™ array for ESD protection
08-Dec-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com