Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7389A Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7389A
Description  4 x 45W quad bridge car radio amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7389A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7389A Datasheet HTML 3Page - STMicroelectronics TDA7389A Datasheet HTML 4Page - STMicroelectronics TDA7389A Datasheet HTML 5Page - STMicroelectronics TDA7389A Datasheet HTML 6Page - STMicroelectronics TDA7389A Datasheet HTML 7Page - STMicroelectronics TDA7389A Datasheet HTML 8Page - STMicroelectronics TDA7389A Datasheet HTML 9Page - STMicroelectronics TDA7389A Datasheet HTML 10Page - STMicroelectronics TDA7389A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TDA7389A
Electrical specifications
7/14
THD
Distortion
Po = 4W
0.04
0.10
%
eNo
Output noise
"A" Weighted
50
70
μV
Bw = 20Hz to 20KHz
70
100
μV
SVR
Supply voltage rejection
f = 100Hz; Vr = 1Vrms
50
75
dB
fch
High cut-off frequency
Po = 0.5W
100
200
KHz
Ri
Input Impedance
70
100
150
K
Ω
CT
Cross talk
f = 1KHz; Po = 4W
60
75
dB
f = 10KHz; Po = 4W
60
dB
ISB
St-By current consumption
VSt-By = 1.2V
50
μA
VSt-By = 0V
25
Ipin4
St-By pin current
VSt-By = 1.2 to 2.6V
±1
μA
VSB out
St-By OUT threshold voltage (Amp: ON)
2.6
V
VSB IN
St-By IN threshold voltage
(Amp: OFF)
1.2
V
AM
Mute attenuation
POref = 4W
80
90
dB
VM out
Mute OUT threshold voltage (Amp: Play)
2.6
V
VM in
Mute IN threshold voltage
(Amp: Mute)
1.2
V
VAM in
VS automute threshold
(Amp: Mute); Att
≥ 80dB;
POref = 4Ω
(Amp: Play); Att < 0.1dB;
PO = 0.5W
7.6
6.5
8.5
V
Ipin22
Muting pin current
VMUTE = 1.2V
(Source current)
511
20
μA
VMUTE = 2.6V
-5
-
-20
Offset detector
ODLK
OD leakage current
1
µA
Voff
Detected diff. output offset
VST-BY =5V
1.5
±2
2.5
V
VPin2_Fw27
Pin2_Fw27 Voltage
for Detection = True
Ipin2 = 1mA
VST-BY =5V; |Voff| > 2.5V
0.2
0.4
V
Clipping detector
CDLK
Clip det high leakage current CD Off
1
μA
CDSAT
Clip det sat voltage
DC On; ICD = 1mA
0.2
0.4
V
CDTHD
Clip det THD level
Pout > 16W
2
%
1.
Saturated square wave output.
Table 4.
Electrical characteristics (continued)
(VS = 14.4V; f = 1KHz; Rg = 600Ω; RL = 4Ω; Tamb = 25°C; Refer to the test and application
diagram (Figure 14), unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com