Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7389A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7389A
Description  4 x 45W quad bridge car radio amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7389A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7389A Datasheet HTML 6Page - STMicroelectronics TDA7389A Datasheet HTML 7Page - STMicroelectronics TDA7389A Datasheet HTML 8Page - STMicroelectronics TDA7389A Datasheet HTML 9Page - STMicroelectronics TDA7389A Datasheet HTML 10Page - STMicroelectronics TDA7389A Datasheet HTML 11Page - STMicroelectronics TDA7389A Datasheet HTML 12Page - STMicroelectronics TDA7389A Datasheet HTML 13Page - STMicroelectronics TDA7389A Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Electrical specifications
TDA7389A
10/14
2.5
Test and application circuit
Figure 14.
Test and application circuit
IN1
0.1
μF
C9
1
μF
IN2
C2 0.1
μF
OUT1
OUT2
IN3
C3 0.1
μF
IN4
C4 0.1
μF
OUT3
OUT4
D05AU1614A
C5
0.47
μF
C6
47
μF
SVR
TAB
Vcc1-2
Vcc3-4
C8
0.1
μF
C7
2200
μF
C10
1
μF
ST-BY
R1
10K
R2
47K
MUTE
C1
15
16
13
12
23
5
14
S-GND
17
11
26
1, 27
CD OUT
721
10
9
8
6
3
4
18
19
20
22
25
24
2
OFFSET
DETECTOR OUT
47K
R4
V
47K
R3
V
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com