Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3985M28R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD3985M28R
Description  Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3985M28R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD3985M28R Datasheet HTML 3Page - STMicroelectronics LD3985M28R Datasheet HTML 4Page - STMicroelectronics LD3985M28R Datasheet HTML 5Page - STMicroelectronics LD3985M28R Datasheet HTML 6Page - STMicroelectronics LD3985M28R Datasheet HTML 7Page - STMicroelectronics LD3985M28R Datasheet HTML 8Page - STMicroelectronics LD3985M28R Datasheet HTML 9Page - STMicroelectronics LD3985M28R Datasheet HTML 10Page - STMicroelectronics LD3985M28R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LD3985xx
Electrical characteristics
7/22
5
Electrical characteristics
Table 5.
Electrical characteristics for LD3985 (TJ = 25 °C, VI = VO(NOM) +0.5 V, CI = 1 µF, CBYP =
10 nF, IO = 1 mA, VINH = 1.4 V, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Operating input voltage
2.5
6
V
VO
Output voltage < 2.5V
IO = 1 mA
-50
50
mV
TJ= -40 to 125°C
-75
75
VO
Output voltage
≥ 2.5V
IO = 1 mA
-2
2
% of
VO(NOM)
TJ= -40 to 125°C
-3
3
ΔVO
Line regulation (Note: 1)
VI = VO(NOM) + 0.5 to 6 V
TJ= -40 to 125°C
-0.1
0.1
%/V
VO = 4.7 to 5V
-0.19
0.19
ΔVO
Load regulation
IO = 1 mA to 150mA, VO < 2.5V
TJ= -40 to 125°C
0.002
0.008
%/mA
ΔVO
Load regulation
IO = 1 mA to 150mA, VO ≥ 2.5V
TJ= -40 to 125°C (for flip-chip)
0.0004
0.002
%/mA
IO = 1 mA to 150mA, TJ= -40 to 125°C
(for SOT23-5L/TSOT23-5L), VO ≥ 2.5V
0.0025
0.005
ΔVO
Output AC Line regulation
VI = VO(NOM) + 1 V, IO = 150mA,
tR= tF = 30µs
1.5
mVPP
IQ
Quiescent current
ON MODE: VINH = 1.2V
IO = 0
85
µA
IO = 0, TJ= -40 to 125°C
150
IO = 0 to 150mA
170
IO = 0 to 150mA, TJ= -40 to 125°C
250
OFF MODE: VINH = 0.4V
0.003
TJ= -40 to 125°C
1.5
VDROP Dropout voltage (Note: 1)
IO = 1mA
0.4
mV
IO = 1mA, TJ= -40 to 125°C
2
IO = 50mA
20
IO = 50mA, TJ= -40 to 125°C
35
IO = 100mA
45
IO = 100mA, TJ= -40 to 125°C
70
IO = 150mA
60
IO = 150mA, TJ= -40 to 125°C
100
ISC
Short circuit current
RL = 0
600
mA
SVR
Supply voltage rejection
VI = VO(NOM)+0.25V ±
VRIPPLE = 0.1V, IO= 50mA
VO(NOM) < 2.5V, VI = 2.55V
f = 1kHz
60
dB
f = 10kHz
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com