Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3985M28R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD3985M28R
Description  Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3985M28R Datasheet(HTML) 4 Page - STMicroelectronics

  LD3985M28R Datasheet HTML 1Page - STMicroelectronics LD3985M28R Datasheet HTML 2Page - STMicroelectronics LD3985M28R Datasheet HTML 3Page - STMicroelectronics LD3985M28R Datasheet HTML 4Page - STMicroelectronics LD3985M28R Datasheet HTML 5Page - STMicroelectronics LD3985M28R Datasheet HTML 6Page - STMicroelectronics LD3985M28R Datasheet HTML 7Page - STMicroelectronics LD3985M28R Datasheet HTML 8Page - STMicroelectronics LD3985M28R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Pin configuration
LD3985xx
4/22
2
Pin configuration
Figure 2.
Pin connections (top view for SOT and TSOT, top through view for Flip-chip)
Flip-chip
SOT23-5L/TSOT23-5L
Table 2.
Pin description
Pin n° for
SOT23-5L/
TSOT23-5L
Pin n° for
Flip-chip
Symbol
Name and function
14
VI
Input voltage of the LDO
2
2
GND
Common ground
31
VINH
Inhibit input voltage: ON MODE when VINH ≥ 1.2 V, OFF MODE when
VINH ≤0.4 V (Do not leave floating, not internally pulled down/up)
4
5
BYPASS
Bypass pin: connect an external capacitor (usually 10 nF) to minimize
noise voltage
53
VO
Output voltage of the LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com