Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBMF Datasheet(PDF) 1 Page - STMicroelectronics

Part # KBMF
Description  EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KBMF Datasheet(HTML) 1 Page - STMicroelectronics

  KBMF Datasheet HTML 1Page - STMicroelectronics KBMF Datasheet HTML 2Page - STMicroelectronics KBMF Datasheet HTML 3Page - STMicroelectronics KBMF Datasheet HTML 4Page - STMicroelectronics KBMF Datasheet HTML 5Page - STMicroelectronics KBMF Datasheet HTML 6Page - STMicroelectronics KBMF Datasheet HTML 7Page - STMicroelectronics KBMF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
1/8
KBMF
EMI FILTER AND LINE TERMINATION
FOR PS/2 MOUSE OR KEYBOARD PORTS
REV. 2
SOT23-6L
(Plastic)
October 2004
MAIN APPLICATIONS
EMI Filter and line termination for mouse and key-
board ports on:
Desktop computers
Notebooks
Workstations
Servers
FEATURES
Integrated low pass filters for Data and Clock
lines
Integrated ESD protection
Integrated pull-up resistors
Small package size
Breakdown voltage: VBR = 6V min.
DESCRIPTION
On the implementation of computer systems, the
radiated and conducted EMI should be kept within
the required levels as stated by the FCC
regulations. In addition to the requirements of
EMC compatibility, the computing devices are
required to tolerate ESD events and remain
operational without user intervention.
The KBMF implements a low pass filter to limit EMI
levels and provide ESD protection which exceeds
IEC 61000-4-2 level 4 standard. The device also
implements the pull up resistors needed to bias
the data and clock lines. The package is the
SOT23-6L which is ideal for situations where
board space is at a premium.
BENEFITS
EMI / RFI noise suppression
ESD protection exceeding IEC61000-4-2 level 4
High flexibility in the design of high density
boards
IPAD™
Dat In
Clk In
Gnd
Dat Out
Clk Out
+Vcc
Rs
C
Rp
C
+Vcc
Rs
C
Rp
C
+Vcc
Rs
Rp
C
Code 01
39
4.7k
120pF
Tolerance
±10%
±10%
±20%
Figure 1: Functional Diagram
Table 1: Order Code
Part Number
Marking
KBMF01SC6
KM1
TM: IPAD is a trademark of STMicroelectronics.
COMPLIES WITH THE FOLLOWING ESD
STANDARDS:
IEC 61000-4-2 (R = 330
Ω C = 150pF)
Level 4
±15 kV (air discharge)
±8 kV (contact discharge)
MIL STD 883C, Method 3015-6
Class 3
C = 100pF R = 1500
3 positive strikes and
3 negative strikes (F = 1 Hz)


Similar Part No. - KBMF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KBMF01SC6 STMICROELECTRONICS-KBMF01SC6 Datasheet
90Kb / 8P
EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
Feb-2002
KBMFXXSC6 STMICROELECTRONICS-KBMFXXSC6 Datasheet
90Kb / 8P
EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
Feb-2002
More results

Similar Description - KBMF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KBMFXXSC6 STMICROELECTRONICS-KBMFXXSC6 Datasheet
90Kb / 8P
EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
Feb-2002
USBDFXXW5 STMICROELECTRONICS-USBDFXXW5 Datasheet
103Kb / 9P
EMI FILTER AND LINE TERMINATION FOR USB DOWNSTREAM PORTS
May-2000
USBUFXXW6 STMICROELECTRONICS-USBUFXXW6 Datasheet
98Kb / 9P
EMI FILTER AND LINE TERMINATION FOR USB UPSTREAM PORTS
Mar-2002
USBUF01P6 STMICROELECTRONICS-USBUF01P6 Datasheet
80Kb / 7P
EMI FILTER AND LINE TERMINATION FOR USB UPSTREAM PORTS
REV. 2
USBUFXXW6 STMICROELECTRONICS-USBUFXXW6_06 Datasheet
152Kb / 11P
EMI filter and line termination for USB upstream ports
28-Feb-2006
USBDFXXW5 STMICROELECTRONICS-USBDFXXW5_06 Datasheet
154Kb / 11P
EMI filter and line termination for USB downstream ports
15-Sep-2006
logo
Tripp Lite. All Rights ...
P222-006 TRIPPLITE-P222-006 Datasheet
475Kb / 3P
PS/2 Keyboard or Mouse Extension Cable
P222-010 TRIPPLITE-P222-010 Datasheet
477Kb / 3P
PS/2 Keyboard or Mouse Extension Cable
B015000 TRIPPLITE-B015000 Datasheet
489Kb / 2P
USB to PS-2 Adapter for Keyboard and Mouse
logo
STMicroelectronics
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
EMI filter and line termination for USB upstream ports
24-Aug-2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com