Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBMF Datasheet(PDF) 2 Page - STMicroelectronics

Part # KBMF
Description  EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KBMF Datasheet(HTML) 2 Page - STMicroelectronics

  KBMF Datasheet HTML 1Page - STMicroelectronics KBMF Datasheet HTML 2Page - STMicroelectronics KBMF Datasheet HTML 3Page - STMicroelectronics KBMF Datasheet HTML 4Page - STMicroelectronics KBMF Datasheet HTML 5Page - STMicroelectronics KBMF Datasheet HTML 6Page - STMicroelectronics KBMF Datasheet HTML 7Page - STMicroelectronics KBMF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KBMF
2/8
Table 2: Absolute Maximum Ratings (Tamb = 25°C)
Table 3: Electrical Characteristics (Tamb = 25°C)
TECHNICAL INFORMATION
1. EMI FILTERING
The KBMFxxSC6 ensure a filtering protection against ElectroMagnetic and RadioFrequency Interferences
thanks to its low-pass filter structure. This filter is characterized by the following parameters :
- cut-off frequency
- Insertion loss
- high frequency rejection
Symbol
Parameter
Value
Unit
VPP
ESD discharge R = 330W C = 150pF contact discharge
ESD discharge - MIL STD 883 - Method 3015-6
±12
±25
kV
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
- 55 to +150
°C
TL
Lead solder temperature (10 second duration)
260
°C
Top
Operating temperature Range
0 to 70
°C
Pr
Power rating per resistor
100
mW
Symbol
Parameters
Test conditions
Min
Typ
Max
Unit
IR
Diode leakage current
VRM = 5.0V
10
µA
VBR
Diode breakdown voltage
IR = 1mA
6V
VF
Diode forward voltage drop
IF = 50mA
0.9
V
Figure 2: Measurements configuration
Figure 3: KBMF attenuation curve
50
RF IN
Vg
50
TG OUT
TEST BOARD
1
10
100
1000
-40
-30
-20
-10
0
F (MHz)
Insertion loss (dB)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com