Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM336 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LM336
Description  2.5V voltage references
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM336 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LM336 Datasheet HTML 7Page - STMicroelectronics LM336 Datasheet HTML 8Page - STMicroelectronics LM336 Datasheet HTML 9Page - STMicroelectronics LM336 Datasheet HTML 10Page - STMicroelectronics LM336 Datasheet HTML 11Page - STMicroelectronics LM336 Datasheet HTML 12Page - STMicroelectronics LM336 Datasheet HTML 13Page - STMicroelectronics LM336 Datasheet HTML 14Page - STMicroelectronics LM336 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
LM236-LM336
14/15
6
Ordering information
7
Revision history
Table 3.
Order codes
Part number
Temperature
range
Package
Packing
Marking
LM236D/DT
-25°C to +85°C
SO-8
Tube or
Tape & reel
LM236
LM236Z/ZT/AP
-25°C to +85°C
TO-92
Bulk or
Tape & reel or
Ammopack
LM236
LM336D/DT
-25°C to +85°C
SO-8
Tube or
Tape & reel
LM336
LM336Z/ZT/AP
-25°C to +85°C
TO-92
Bulk or
Tape & reel or
Ammopack
LM336
LM336BD/BDT
0°C to 70°C
SO-8
Tube or
Tape & reel
LM336B
LM336BZ/BZT/BAP
0°C to 70°C
TO-92
Bulk or
Tape & reel or
Ammopack
LM336B
Date
Revision
Changes
2-May-1997
1
Initial release.
24-May-2003
2
Caption of pinout diagram for TO-92 package changed to indicate top
view.
29-May-2007
3
Corrected caption of pinout diagram for TO-92 package on cover
page (previous version is wrong, should be bottom view).
Updated Section 5: Package information and Table 3: Order codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com