Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM336 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM336
Description  2.5V voltage references
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM336 Datasheet(HTML) 5 Page - STMicroelectronics

  LM336 Datasheet HTML 1Page - STMicroelectronics LM336 Datasheet HTML 2Page - STMicroelectronics LM336 Datasheet HTML 3Page - STMicroelectronics LM336 Datasheet HTML 4Page - STMicroelectronics LM336 Datasheet HTML 5Page - STMicroelectronics LM336 Datasheet HTML 6Page - STMicroelectronics LM336 Datasheet HTML 7Page - STMicroelectronics LM336 Datasheet HTML 8Page - STMicroelectronics LM336 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM236-LM336
Application information
5/15
4
Application information
The LM236, LM336 voltage references are easier to use than zener diodes. Their low
impedance and wide current range facilitate biasing in any circuits. Besides, the breakdown
voltage or the temperature coefficient can be adjusted so as to optimize the performance of
the circuit.
Figure 9 represents a LM336 with a 10k
Ω potentiometer to adjust the reverse breakdown
voltage which can be adjusted without altering the temperature coefficient of the circuit. The
adjustment range is generally sufficient to adjust the initial tolerance of the circuit and the
inaccuracy of the amplifier circuit.
To obtain a lower temperature coefficient two diodes can be connected in series as
indicated in Figure 10.
When the circuit is adjusted to 2.49V the temperature coefficient is minimized.
For a correct temperature coefficient, the diodes should be at the same ambient
temperature as the LM336. The value of R1 is not critical (2-20k
Ω).
Figure 9.
LM336 with pot for adjustment of
breakdown voltage
Figure 10.
Temperature coefficient adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com