Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM334Z Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM334Z
Description  Three terminal adjustable current sources
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM334Z Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM334Z Datasheet HTML 3Page - STMicroelectronics LM334Z Datasheet HTML 4Page - STMicroelectronics LM334Z Datasheet HTML 5Page - STMicroelectronics LM334Z Datasheet HTML 6Page - STMicroelectronics LM334Z Datasheet HTML 7Page - STMicroelectronics LM334Z Datasheet HTML 8Page - STMicroelectronics LM334Z Datasheet HTML 9Page - STMicroelectronics LM334Z Datasheet HTML 10Page - STMicroelectronics LM334Z Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LM134-LM234-LM334
Application information
7/16
4.6
Sensing temperature
The LM134, LM234, LM334 are excellent remote controlled temperature sensors because
their operation as current sources preserves their accuracy even in the case of long
connecting wires. The output current is directly proportional to the absolute temperature in
Kelvin degrees according to the following equation.
The calibration of the LM134, LM234, LM334 is simplified by the fact that most of the initial
accuracy is due to gain limitation (slope error) and not an offset. Gain adjustment is a one
point trim because the output of the device extrapolates to zero at 0°K.
Figure 10.
Device calibration
This particularity of the LM134, LM234, LM334 is illustrated in the above diagram. Line abc
represents the sensor current before adjustment and line a’b’c’ represents the desired
output. A gain adjustment provided at T2 will move the output from b to b’ and will correct
the slope at the same time so that the output at T1 and T3 will be correct. This gain
adjustment can be carried out by means of Rset or the load resistor used in the circuit. After
adjustment, the slope error should be less than 1%. A low temperature coefficient for Rset is
necessary to keep this accuracy. A 33ppm/°C temperature drift of Rset will give an error of
1% on the slope because the resistance follows the same temperature variations as the
LM134, LM234, LM334.
Three wires are required to isolate Rset from the LM134, LM234, LM334. Since this solution
is not recommended, metal-film resistors with a drift of less than 20ppm/°C are now
available. Wirewound resistors can be used when very high stability is required.
I
set =
227µV/°K) (T
()
R
set
-----------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com