Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM334Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM334Z
Description  Three terminal adjustable current sources
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM334Z Datasheet(HTML) 1 Page - STMicroelectronics

  LM334Z Datasheet HTML 1Page - STMicroelectronics LM334Z Datasheet HTML 2Page - STMicroelectronics LM334Z Datasheet HTML 3Page - STMicroelectronics LM334Z Datasheet HTML 4Page - STMicroelectronics LM334Z Datasheet HTML 5Page - STMicroelectronics LM334Z Datasheet HTML 6Page - STMicroelectronics LM334Z Datasheet HTML 7Page - STMicroelectronics LM334Z Datasheet HTML 8Page - STMicroelectronics LM334Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
May 2007
Rev 3
1/16
16
LM134-LM234-LM334
Three terminal adjustable current sources
Features
■ Operates from 1V to 40V
■ 0.02%/V current regulation
■ Programmable from 1µA to 10mA
■ ±3% initial accuracy
Description
The LM134/LM234/LM334 are 3-terminal
adjustable current sources characterized by:
■ an operating current range of 10000: 1
■ an excellent current regulation
■ a wide dynamic voltage range of 1V t 10V
The current is determined by an external resistor
without requiring other external components.
Reverse voltages of up to 20V will only draw a
current of several microamperes. This enables the
circuit to operate as a rectifier and as a source of
current in a.c. applications.
For the LM134/LM234/LM334, the voltage on the
control pin is 64mV at +25°C and is directly
proportional to the absolute temperature (°K). The
simplest external resistor connection generates a
current with approximately 0.33%/°C temperature
dependence. Zero drift can be obtained by adding
an additional resistor and a diode to the external
circuit.
Z
TO-92
(Plastic package)
D
SO-8
(Plastic micropackage)
ADJ
v+
v-
21
3
TO-92
(Bottom view)
8765
1234
NC
NC
V-
NC
ADJ
NC
NC
V+
SO-8
(Top view)
Pin connections
www.st.com


Similar Part No. - LM334Z

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM334Z NSC-LM334Z Datasheet
273Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM334Z STMICROELECTRONICS-LM334Z Datasheet
109Kb / 10P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
Oct-1997
logo
Texas Instruments
LM334Z TI-LM334Z Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334Z TI-LM334Z Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334Z/LFT1 TI1-LM334Z/LFT1 Datasheet
1Mb / 25P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
More results

Similar Description - LM334Z

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
Oct-1997
LM134 STMICROELECTRONICS-LM134_03 Datasheet
1Mb / 11P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
May-2003
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
3-Terminal Adjustable Current Sources
logo
Texas Instruments
LM234Z-6 TI-LM234Z-6 Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI-LM334M Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM234Z-6 TI1-LM234Z-6 Datasheet
1Mb / 25P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM334M TI1-LM334M Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI-LM134_15 Datasheet
1Mb / 26P
LM134/LM234/LM334 3-Terminal Adjustable Current Sources
LM134 TI1-LM134_16 Datasheet
1Mb / 26P
3-Terminal Adjustable Current Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com