Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5953 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 4Page - STMicroelectronics L5953 Datasheet HTML 5Page - STMicroelectronics L5953 Datasheet HTML 6Page - STMicroelectronics L5953 Datasheet HTML 7Page - STMicroelectronics L5953 Datasheet HTML 8Page - STMicroelectronics L5953 Datasheet HTML 9Page - STMicroelectronics L5953 Datasheet HTML 10Page - STMicroelectronics L5953 Datasheet HTML 11Page - STMicroelectronics L5953 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Block diagram and electrical specifications
L5953
8/31
21
N.C.
Not connected
22
GND
Ground
23
VSW
Source of the external MOS
24
GATEIN
Gate of the internal MOS
25
GATEOUT
Switching output for power mos gate
26
STRAP
Bootstrap
27
SYNC
Synchronization
28
VLR
REG2 linear voltage regulator output
29
VIN
REG2 linear voltage regulator input
30
FBLR
REG2 linear voltage regulator feedback
31
COMP
PWM compensation
32
FB
PWM feedback
33
STCAP
ST-CAP
34
VSPI
Supply voltage for SPI I/O
35
VSTBY
REG1 stand-by linear voltage regulator output
36
ADJ
3.3V/5V REG1 voltage select
Table 4.
PIN function (continued)
Pin number
Pin name
Function
Table 5.
Electrical characteristics (Tamb = 25°C, VDD = 14.4V)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IQ,STBY
Quiescent current with regulators
and high-side drivers off
W1, W2, RES, IRQ, not active;
REG2, HSD1, HSD2, PWM off;
S, C, D fixed at high/low logic
level
100
μA
Tsd
Thermal shutdown junction
temperature
150
°C
SMPS.PWM (Tamb = 25°C, VDD = 14.4V, Vo = 5V; unless otherwise specified.)
Vo,min
Minimum output voltage
Io = 200mA
2.4
2.5
2.6
V
Vo,max
Maximum output voltage
Io = 200mA
9.6
10
10.4
V
Vref,PWM
Voltage reference
1.275
V
Vi
Input voltage range
Vo = 5V; Io = 0.5A
6
18
V
ΔV
o
Line regulation
Io = 0.5A
100
mV
ΔV
o
Load regulation
Vo = 5V; Io = 0.2A to 0.5A
50
mV
Vd
Dropout voltage between Pin 19
and Pin 23
Io = 0.5A, Vo = 5V
0.5
V
Io = 1A, Vo = 5V
1
V
ILim
Current limit
1.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com