Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5953 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L5953
Description  Multiple switching voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5953 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L5953 Datasheet HTML 14Page - STMicroelectronics L5953 Datasheet HTML 15Page - STMicroelectronics L5953 Datasheet HTML 16Page - STMicroelectronics L5953 Datasheet HTML 17Page - STMicroelectronics L5953 Datasheet HTML 18Page - STMicroelectronics L5953 Datasheet HTML 19Page - STMicroelectronics L5953 Datasheet HTML 20Page - STMicroelectronics L5953 Datasheet HTML 21Page - STMicroelectronics L5953 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
SPI interface
L5953
18/31
4
SPI interface
4.1
Signals description
The SPI interface available inside L5953 is able to work both in Mode 0 and Mode 3.
Serial output (Q). The output pin is used to transfer data serially out of the L5953. Data is
shifted out on the falling edge of the serial clock.
Serial input (D). The input pin is used to transfer data serially into the device. It receives
instructions, addresses, and data to be written. Input is latched on the rising edge of the
serial clock.
Serial clock (C). The serial clock provides the timing of the serial interface. Instructions,
addresses, or data present at the input pin are latched on the rising edge of the clock input,
while data on the Q pin changes after the falling edge of the clock input.
Chip select (S). This input is used to select the L5953. The chip is selected by a high to low
transition on the S pin. At any time, the chip is deselected by a low to high transition on the S
pin. As soon as the chip is deselected, the Q pin is at high impedance state. The pin allows
multiple L5953 to share the same SPI bus. After power up, the chip is at the deselect state.
SPI Input/Output are supplied by an external supply voltage VSPI while the core is supplied
by the stand-by regulator VSTBY. The SPI is reset by an internal signal whose buffered
version is RES. (See
Figure 12.)
4.2
Operations
All instructions, addresses and data are shifted in and out of the chip MSB first. Data input
(D) is sampled on the first rising edge of clock (C) after the chip select (S) goes low. Prior to
any operation, a one-byte instruction code must be entered in the chip. This code is entered
in the chip. This code is entered via the data input (D), and latched on the rising edge of the
clock input (C). To enter an instruction code, the product must have been previously
selected (S = low). Table 1 shows the instruction set and format for device operation. An
invalid instruction (one not contained in table 1) leaves the chip as previously selected.
4.3
Write enable (WREN and write disable (WRDI))
The L5953 contains a write enable latch. This latch must be set prior to every WRITE
operation. The WREN instruction will set the latch and the WRDI instruction will reset the
latch. The latch is reset under all the following conditions:
–– Power on
–
– WRDI instruction executed
As soon as the WREN or WRDI instruction is received by the L5953, the circuit executes the
instruction and enters a wait mode until it is deselected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com