Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6562A Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6562A
Description  Transition-mode PFC controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6562A Datasheet HTML 2Page - STMicroelectronics L6562A Datasheet HTML 3Page - STMicroelectronics L6562A Datasheet HTML 4Page - STMicroelectronics L6562A Datasheet HTML 5Page - STMicroelectronics L6562A Datasheet HTML 6Page - STMicroelectronics L6562A Datasheet HTML 7Page - STMicroelectronics L6562A Datasheet HTML 8Page - STMicroelectronics L6562A Datasheet HTML 9Page - STMicroelectronics L6562A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical characteristics
L6562A
6/26
5
Electrical characteristics
Table 5. Electrical characteristics
( -25°C < TJ < +125°C, VCC = 12V, Co = 1nF; unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Supply voltage
VCC
Operating range
After turn-on
10.5
22.5
V
VccOn
Turn-on threshold
(1)
11.7
12.5
13.3
V
VccOff
Turn-off threshold
(1)
9.5
10
10.5
V
Hys
Hysteresis
2.2
2.8
V
VZ
Zener Voltage
ICC = 20mA
22.5
25
28
V
Supply current
Istart-up
Start-up current
Before turn-on, VCC = 11V
30
60
µA
Iq
Quiescent current
After turn-on
2.5
3.75
mA
ICC
Operating supply current @ 70kHz
3.5
5
mA
Iq
Quiescent current
During OVP (either static or dynamic)
or VINV ≤150mV
1.7
2.2
mA
Multiplier input
IMULT
Input bias current
VMULT = 0 to 4V
-1
µA
VMULT
Linear operation range
0 to 3
V
Output max. slope
VMULT = 0 to 1V,
VCOMP = Upper clamp
11.1
V/V
K
Gain (2)
VMULT = 1V, VCOMP= 4V,
0.32
0.38
0.44
V
Error amplifier
VINV
Voltage feedback input
threshold
TJ = 25 °C
2.475
2.5
2.525
V
10.5V < VCC < 22.5V
(1)
2.455
2.545
Line regulation
VCC = 10.5V to 22.5V
25
mV
IINV
Input bias current
VINV = 0 to 3V
-1
µA
Gv
Voltage gain
Open loop
60
80
dB
GB
Gain-bandwidth product
1
MHz
ICOMP
Source current
VCOMP = 4V, VINV = 2.4V
-2
-3.5
-5
mA
Sink current
VCOMP = 4V, VINV = 2.6V
2.5
4.5
mA
V
cs
∆
V
MULT
∆
---------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com