Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6562A Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6562A
Description  Transition-mode PFC controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6562A Datasheet HTML 16Page - STMicroelectronics L6562A Datasheet HTML 17Page - STMicroelectronics L6562A Datasheet HTML 18Page - STMicroelectronics L6562A Datasheet HTML 19Page - STMicroelectronics L6562A Datasheet HTML 20Page - STMicroelectronics L6562A Datasheet HTML 21Page - STMicroelectronics L6562A Datasheet HTML 22Page - STMicroelectronics L6562A Datasheet HTML 23Page - STMicroelectronics L6562A Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Application examples and ideas
L6562A
20/26
Figure 26. L6562A 80W TM PFC evaluation
board: Power Factor vs Vin
Figure 27. L6562A 80W TM PFC evaluation
board: THD vs Vin
0.80
0.85
0.90
0.95
1.00
80
100
120
140
160
180
200
220
240
260
Vin (Va c)
Pout = 80W
0
2
4
6
8
10
12
80
100
120
140
160
180
200
220
240
260
Vin (Vac)
Pout = 80W
Figure 28. L6562A 80W TM PFC evaluation
board: efficiency vs Vin
Figure 29. L6562A 80W TM PFC Evaluation
board: Static Vout regulation vs
Vin
75
80
85
90
95
100
80
100
120
140
160
180
200
220
240
260
Vin (Vac)
Pout = 80W
400
400.5
401
401.5
402
402.5
403
403.5
404
80
100
120
140
160
180
200
220
240
260
Vin (Vac)
Pout = 80W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com