Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6728TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6728TR
Description  Single phase PWM controller with Power Good
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6728TR Datasheet HTML 21Page - STMicroelectronics L6728TR Datasheet HTML 22Page - STMicroelectronics L6728TR Datasheet HTML 23Page - STMicroelectronics L6728TR Datasheet HTML 24Page - STMicroelectronics L6728TR Datasheet HTML 25Page - STMicroelectronics L6728TR Datasheet HTML 26Page - STMicroelectronics L6728TR Datasheet HTML 27Page - STMicroelectronics L6728TR Datasheet HTML 28Page - STMicroelectronics L6728TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
L6728
5 A demonstration board
25/31
13
5 A demonstration board
L6728 demonstration board realizes in a two-layer PCB a step-down DC/DC converter and
shows the operation of the device in a general-purpose low-current application. The input
voltage can range from 5 V to 12 V buses and the output voltage is fixed at 1.25 V. The
application can deliver an output current in excess of 5 A. The switching frequency is
300 kHz.
Figure 15.
L6728 - 5 A demonstration board (left) and components placement (right)
Figure 16.
L6728 - 5 A demonstration board top (left) and bottom (right) layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com