Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6728TR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6728TR
Description  Single phase PWM controller with Power Good
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6728TR Datasheet HTML 23Page - STMicroelectronics L6728TR Datasheet HTML 24Page - STMicroelectronics L6728TR Datasheet HTML 25Page - STMicroelectronics L6728TR Datasheet HTML 26Page - STMicroelectronics L6728TR Datasheet HTML 27Page - STMicroelectronics L6728TR Datasheet HTML 28Page - STMicroelectronics L6728TR Datasheet HTML 29Page - STMicroelectronics L6728TR Datasheet HTML 30Page - STMicroelectronics L6728TR Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
5 A demonstration board
L6728
28/31
If the voltage is between 4.5 V and 12 V it can supply also the device (through the Vcc pin)
and in this case the R16 (0
Ω) resistor must be present.
13.1.2
Output (Vout)
The output voltage is fixed at 1.25 V but it can be changed by replacing the resistors R8
(sense partition lower resistor ) and R13 (feedback partition lower resistor). R18 allows to
adjust OCP threshold.
13.1.3
Signal input (Vcc)
Using the input voltage Vin to supply the controller no power is required at this input.
However the controller can be supplied separately from the power stage through the Vcc
input (4.5-12 V) and, in this case, the R16 (0
Ω) resistor must be unsoldered.
13.1.4
Test points
Several test points are provided to have easy access at all important signal characterizing
the device:
–
COMP: the output of the error amplifier;
–
FB: the inverting input of the error amplifier;
–
PGOOD: signaling the regular functioning (active high);
–
VGDHS: the bootstrap diode anode;
–
PHASE: Phase node;
–
LGATE: Low-side gate pin of the device;
–
HGATE: High-side gate pin of the device.
13.1.5
Board characterization
Figure 18.
5 A demonstration board efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com